Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSMY294310SL Datasheet (PDF) - Vishay Siliconix

VSMY294310SL Datasheet PDF - Vishay Siliconix
Part # VSMY294310SL
Download  VSMY294310SL Download

File Size   130.46 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diodes, 940 nm, Surface Emitter Technology

VSMY294310SL Datasheet (PDF)

Go To PDF Page Download Datasheet
VSMY294310SL Datasheet PDF - Vishay Siliconix

Part # VSMY294310SL
Download  VSMY294310SL Click to download

File Size   130.46 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diodes, 940 nm, Surface Emitter Technology

VSMY294310SL Datasheet (HTML) - Vishay Siliconix

VSMY294310SL Datasheet HTML 1Page - Vishay Siliconix VSMY294310SL Datasheet HTML 2Page - Vishay Siliconix VSMY294310SL Datasheet HTML 3Page - Vishay Siliconix VSMY294310SL Datasheet HTML 4Page - Vishay Siliconix VSMY294310SL Datasheet HTML 5Page - Vishay Siliconix VSMY294310SL Datasheet HTML 6Page - Vishay Siliconix VSMY294310SL Datasheet HTML 7Page - Vishay Siliconix

VSMY294310SL Product details

• Package type: surface mount
• Package form: side view
• Dimensions (L x W x H in mm): 2.3 x 2.55 x 2.3
• Peak wavelength: p = 940 nm
• High reliability
• High radiant power
• Very high radiant intensity
• Angle of half intensity:  = ± 25°
• Suitable for high pulse current operation
• Package matches with detector VEMD2xx3SLX01 and
VEMT2xx3SLX01 series
• Floor life: 4 weeks, MSL 2a, acc. J-STD-020




Similar Part No. - VSMY294310SL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMY294310SL VISHAY-VSMY294310SL Datasheet
127Kb / 7P
   High Speed Infrared Emitting Diodes, 940 nm, Surface Emitter Technologys
01-Jan-2022
VSMY294310SL VISHAY-VSMY294310SL Datasheet
128Kb / 7P
   High Speed Infrared Emitting Diodes, 940 nm, Surface Emitter Technology
01-Jan-2023
VSMY294310SL VISHAY-VSMY294310SL_V01 Datasheet
127Kb / 7P
   High Speed Infrared Emitting Diodes, 940 nm, Surface Emitter Technologys
01-Jan-2022
VSMY294310SL VISHAY-VSMY294310SL_V02 Datasheet
128Kb / 7P
   High Speed Infrared Emitting Diodes, 940 nm, Surface Emitter Technology
01-Jan-2023
More results


Similar Description - VSMY294310SL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMY12940 VISHAY-VSMY12940 Datasheet
248Kb / 6P
   High Speed Infrared Emitting Diodes, 940 nm,Surface Emitter Technology
Rev. 1.0, 19-Mar-15
VSMY2941GX01 VISHAY-VSMY2941GX01_V01 Datasheet
173Kb / 8P
   High Speed Infrared Emitting Diodes, 940 nm, Surface Emitter Technology
01-Jan-2022
VSMY1940ITX01 VISHAY-VSMY1940ITX01_V01 Datasheet
160Kb / 7P
   High Speed Infrared Emitting Diodes, 940 nm, Surface Emitter Technology
01-Jan-2022
VSMY23941 VISHAY-VSMY23941 Datasheet
129Kb / 6P
   High Speed Infrared Emitting Diodes, 940 nm, Surface Emitter Technology
01-Jan-2022
VSMY1940X01 VISHAY-VSMY1940X01 Datasheet
162Kb / 7P
   High Speed Infrared Emitting Diodes, 940 nm, Surface Emitter Technology
Rev. 1.2, 30-Jun-16
VSMY2943RG VISHAY-VSMY2943RG Datasheet
143Kb / 8P
   High Speed Infrared Emitting Diodes, 940 nm,Surface Emitter Technology
Rev. 1.0, 31-Aug-15
VSMY5940X01 VISHAY-VSMY5940X01 Datasheet
129Kb / 6P
   High Speed Infrared Emitting Diodes, 940 nm, Surface Emitter Technology
Rev. 1.0, 11-Apr-2019
VSMY5940 VISHAY-VSMY5940 Datasheet
126Kb / 6P
   High Speed Infrared Emitting Diodes, 940 nm, Surface Emitter Technology
01-Jan-2022
VSMY2940GX01 VISHAY-VSMY2940GX01_V01 Datasheet
162Kb / 8P
   High Speed Infrared Emitting Diodes, 940 nm, Surface Emitter Technology
01-Jan-2023
VSMY2943GX01 VISHAY-VSMY2943GX01 Datasheet
168Kb / 8P
   High Speed Infrared Emitting Diodes, 940 nm, Surface Emitter Technology
01-Jan-2022
VSMY1940X01 VISHAY-VSMY1940X01_V01 Datasheet
161Kb / 7P
   High Speed Infrared Emitting Diodes, 940 nm, Surface Emitter Technology
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com