Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15 Datasheet (PDF) - Changzhou Shunye Electronics Co.,Ltd.

SM15 Datasheet PDF - Changzhou Shunye Electronics Co.,Ltd.
Part # SM15
Download  SM15 Download

File Size   1113.16 Kbytes
Page   4 Pages
Manufacturer  SY [Changzhou Shunye Electronics Co.,Ltd.]
Direct Link  http://my.import.or.kr/diodecn/index.html
Logo SY - Changzhou Shunye Electronics Co.,Ltd.
Description VOLTAGE 5 to 36 Volts WATT 300 Watts

SM15 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM15 Datasheet PDF - Changzhou Shunye Electronics Co.,Ltd.

Part # SM15
Download  SM15 Click to download

File Size   1113.16 Kbytes
Page   4 Pages
Manufacturer  SY [Changzhou Shunye Electronics Co.,Ltd.]
Direct Link  http://my.import.or.kr/diodecn/index.html
Logo SY - Changzhou Shunye Electronics Co.,Ltd.
Description VOLTAGE 5 to 36 Volts WATT 300 Watts

SM15 Datasheet (HTML) - Changzhou Shunye Electronics Co.,Ltd.

SM15 Datasheet HTML 1Page - Changzhou Shunye Electronics Co.,Ltd. SM15 Datasheet HTML 2Page - Changzhou Shunye Electronics Co.,Ltd. SM15 Datasheet HTML 3Page - Changzhou Shunye Electronics Co.,Ltd. SM15 Datasheet HTML 4Page - Changzhou Shunye Electronics Co.,Ltd.

SM15 Product details

FEATURES
• Improved leakage current, maximum of 5 µA @ 5Vdc
• Maximum capacitance @ 0 Vdc Bias of 1.2 pF between terminals 1-3 or terminals 2-3
• IEC61000-4-2 esd 15kV Air, 8kV contact compliance
• IEC61000-4-5 lightning 17 Amps peak, 8x20 usec waveform
• Pb free product are available : 99% Sn above can meet RoHS environment substance directive request




Similar Part No. - SM15

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM15 SEMTECH-SM15 Datasheet
171Kb / 7P
   TVS Diode Array
logo
Guangdong Youtai Semico...
SM15 UMW-SM15 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Micro Commercial Compon...
SM15 MCC-SM15 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Guangdong Youtai Semico...
SM15 UMW-SM15 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Microsemi Corporation
SM15 MICROSEMI-SM15 Datasheet
138Kb / 2P
   TVSarray Series
More results


Similar Description - SM15

ManufacturerPart #DatasheetDescription
logo
Shunye Enterprise
PJDLC12 SHUNYE-PJDLC12 Datasheet
1Mb / 3P
   5 to 24 Volts POWER 400 Watts VOLTAGE WATT
PJDLC05 SHUNYE-PJDLC05_17 Datasheet
1Mb / 3P
   5 to 24 Volts POWER 400 Watts VOLTAGE WATT
PJDLC24 SHUNYE-PJDLC24 Datasheet
1Mb / 3P
   5 to 24 Volts POWER 400 Watts VOLTAGE WATT
logo
DATEL, Inc.
HB300S5-60 DATEL-HB300S5-60 Datasheet
135Kb / 1P
   Half-Brick, 300-Watt, 5 Volts Output
logo
List of Unclassifed Man...
LDR100SB ETC-LDR100SB Datasheet
185Kb / 3P
   100 WATTS 36 VOLTS
logo
Advanced Power Technolo...
1214-150L ADPOW-1214-150L Datasheet
87Kb / 4P
   150 Watts, 36 Volts, 5 ms, 20% Radar 1200 to 1400 MHz
0910-300M ADPOW-0910-300M Datasheet
108Kb / 4P
   300 Watts - 50 Volts, 150us, 5% Radar 890 - 1000 MHz
logo
Gaomi Xinghe Electronic...
SMAJ5.0 GXELECTRONICS-SMAJ5.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR Reverse Voltage - 5.0 to 170 Volts PEAK PULSE POWER-300 WATTS
logo
Rectron Semiconductor
SD05C RECTRON-SD05C Datasheet
426Kb / 6P
   VOLTAGE RANGE 5 Volts POWER RATING 350 Watts
logo
New Jersey Semi-Conduct...
D64VS3 NJSEMI-D64VS3 Datasheet
804Kb / 2P
   300-400 VOLTS 15 AMP, 195 WATTS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com