Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA7912 Datasheet (PDF) - Fairchild Semiconductor

KA7912 Datasheet PDF - Fairchild Semiconductor
Part # KA7912
Download  KA7912 Download

File Size   117.11 Kbytes
Page   15 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description FIXED VOLTAGE REGULATOR (NEGATIVE)

KA7912 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA7912 Datasheet PDF - Fairchild Semiconductor

Part # KA7912
Download  KA7912 Click to download

File Size   117.11 Kbytes
Page   15 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description FIXED VOLTAGE REGULATOR (NEGATIVE)

KA7912 Datasheet (HTML) - Fairchild Semiconductor

Back Button KA7912 Datasheet HTML 1Page - Fairchild Semiconductor KA7912 Datasheet HTML 2Page - Fairchild Semiconductor KA7912 Datasheet HTML 3Page - Fairchild Semiconductor KA7912 Datasheet HTML 4Page - Fairchild Semiconductor KA7912 Datasheet HTML 5Page - Fairchild Semiconductor KA7912 Datasheet HTML 6Page - Fairchild Semiconductor KA7912 Datasheet HTML 7Page - Fairchild Semiconductor KA7912 Datasheet HTML 8Page - Fairchild Semiconductor KA7912 Datasheet HTML 9Page - Fairchild Semiconductor KA7912 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

KA7912 Product details

3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS

The MC79XX series of three-terminal negative regulators are available in TO-220 package and with several fixed output voltages, making them useful in a wide range of applications. Each type employs internal current limiting, thermal shut-down and safe area protection, making it essentially indestructible.

FEATURES
• Output Current in Excess of 1A
• Output Voltages of -5, -6, -8, -12, -15, -18, -24V
• Internal Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe-Area Compensation




Similar Part No. - KA7912

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7912 FAIRCHILD-KA7912 Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
List of Unclassifed Man...
KA7912 ETC2-KA7912 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
TAITRON Components Inco...
KA7912 TAITRON-KA7912 Datasheet
75Kb / 1P
   Voltage Regulators
logo
Fairchild Semiconductor
KA7912A FAIRCHILD-KA7912A Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
KA7912ATU FAIRCHILD-KA7912ATU Datasheet
164Kb / 17P
   3-Terminal 1A Negative Voltage Regulator
More results


Similar Description - KA7912

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com