Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1901 Datasheet (PDF) - NTE Electronics

NTE1901 Datasheet PDF - NTE Electronics
Part # NTE1901
Download  NTE1901 Download

File Size   24.81 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Negative Adjustable Voltage Regulator, -1.2V to -37V, 100mA

NTE1901 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1901 Datasheet PDF - NTE Electronics

Part # NTE1901
Download  NTE1901 Click to download

File Size   24.81 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Negative Adjustable Voltage Regulator, -1.2V to -37V, 100mA

NTE1901 Datasheet (HTML) - NTE Electronics

NTE1901 Datasheet HTML 1Page - NTE Electronics NTE1901 Datasheet HTML 2Page - NTE Electronics NTE1901 Datasheet HTML 3Page - NTE Electronics

NTE1901 Product details

Description:

The NTE1901 is an adjustable 3–terminal negative voltage regulator in a TO92 type package capable of supplying 100mA over a –12,V to –37V output range. It is exceptionally easy to use and both line and load regulation are better than standard fixed regulators.

In addition to higher performance than fixed regulators, the NTE1901 offers full overload protection. Included on the chip are current limit, thermal overload protection and safe area protection. All over load protection circuitry remains fully functional even if the adjustment terminal is disconnected. Normally, no capacitors are needed unless the device is situated more than 6 inches from the input filter capacitor in which case an input bypass is needed. An optional output capacitor can be added to improve transient response. The adjustment terminal can be bypassed to achieve very high ripple rejection ratios which are difficult to achieve with standard 3–terminal regulators.

Besides replacing fixed regulators, the NTE1901 is useful in a wide variety of other applications. Since the regulator is “floating” and sees only the input–to–output differential voltage, supplies of several hundred volts can be regulated as long as the maximum input–to–output differential is not exceeded.

Also, it makes an especially simple adjustable switching regulator, a programmable output regulator, or by connecting a fixed resistor between the adjustment and output, the NTE1901 can be used as a precision current regulator. Supplies with electronic shutdown can be achieved by clamping the adjustment terminal to ground which programs the output to 1.2V where most loads draw little current.



Features:

• Adjustable Output Down to 1.2V

• Guaranteed 100mA Output Current

• Line Regulation Typically 0.01%/V

• Load Regulation Typically 0.1%

• Current Limit Constant with Temperature

• Eliminates the Need to Stock Many Voltages

• Standard 3–Lead Transistor Package

• 80db Ripple Rejection

• Output is Short Circuit Protected



 




Similar Part No. - NTE1901

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE190 NTE-NTE190 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage Amplifier
NTE1900 NTE-NTE1900 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE1902 NTE-NTE1902 Datasheet
22Kb / 2P
   Integrated Circuit 3 Terminal Positive Voltage Regulator 9V, 100mA
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1904 NTE-NTE1904 Datasheet
21Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 3.3V, 1A
More results


Similar Description - NTE1901

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1911 NTE-NTE1911 Datasheet
26Kb / 2P
   3 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V, 1.5A
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317M UTC-LM317M_V01 Datasheet
299Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317M UTC-LM317M_11 Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A Datasheet
256Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A_11 Datasheet
227Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317M ETL-LM317M Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
130Kb / 8P
   LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com