Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCP-33SXD-TNS Datasheet (PDF) - Willow Technologies Ltd

CCP-33SXD-TNS Datasheet PDF - Willow Technologies Ltd
Part # CCP-33SXD-TNS
Download  CCP-33SXD-TNS Download

File Size   382.1 Kbytes
Page   6 Pages
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd
Description Commercial Latching SPDT, DC-3 GHz

CCP-33SXD-TNS Datasheet (PDF)

Go To PDF Page Download Datasheet
CCP-33SXD-TNS Datasheet PDF - Willow Technologies Ltd

Part # CCP-33SXD-TNS
Download  CCP-33SXD-TNS Click to download

File Size   382.1 Kbytes
Page   6 Pages
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd
Description Commercial Latching SPDT, DC-3 GHz

CCP-33SXD-TNS Datasheet (HTML) - Willow Technologies Ltd

CCP-33SXD-TNS Datasheet HTML 1Page - Willow Technologies Ltd CCP-33SXD-TNS Datasheet HTML 2Page - Willow Technologies Ltd CCP-33SXD-TNS Datasheet HTML 3Page - Willow Technologies Ltd CCP-33SXD-TNS Datasheet HTML 4Page - Willow Technologies Ltd CCP-33SXD-TNS Datasheet HTML 5Page - Willow Technologies Ltd CCP-33SXD-TNS Datasheet HTML 6Page - Willow Technologies Ltd



Similar Part No. - CCP-33SXD-TNS

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-33SXD-TNS TELEDYNE-CCP-33SXD-TNS Datasheet
382Kb / 6P
   Latching SPDT Coaxial Switch
More results


Similar Description - CCP-33SXD-TNS

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CRT-40 TELEDYNE-CRT-40 Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
logo
Hexawave, Inc
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
   GaAs DC-3 GHz SPDT Switch
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
   GaAs DC-3 GHz SPDT Switch
logo
Tyco Electronics
MASW2000 MACOM-MASW2000 Datasheet
109Kb / 2P
   GaAs SPDT Switch DC - 3 GHz
logo
Hexawave, Inc
HWS408 HW-HWS408 Datasheet
77Kb / 2P
   GaAs DC-3 GHz SPDT Switch
logo
Pasternack Enterprises,...
PE71S6091 PASTERNACK-PE71S6091 Datasheet
457Kb / 6P
   SPDT Electromechanical Relay Switch DC to 3 GHz, SMT, 400 Watts, 24V Control with Latching
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com