Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSA-LXH1025G8Y1I1D Datasheet (PDF) - LUMEX INC.

SSA-LXH1025G8Y1I1D Datasheet PDF - LUMEX INC.
Part # SSA-LXH1025G8Y1I1D
Download  SSA-LXH1025G8Y1I1D Download

File Size   60.42 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 10 Unit LED Array 2.5mm X 5mm RECTANGULAR LEDS

SSA-LXH1025G8Y1I1D Datasheet (PDF)

Go To PDF Page Download Datasheet
SSA-LXH1025G8Y1I1D Datasheet PDF - LUMEX INC.

Part # SSA-LXH1025G8Y1I1D
Download  SSA-LXH1025G8Y1I1D Click to download

File Size   60.42 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 10 Unit LED Array 2.5mm X 5mm RECTANGULAR LEDS

SSA-LXH1025G8Y1I1D Datasheet (HTML) - LUMEX INC.

SSA-LXH1025G8Y1I1D Datasheet HTML 1Page - LUMEX INC.



Similar Part No. - SSA-LXH1025G8Y1I1D

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSA-LXH1025G8I2D LUMEX-SSA-LXH1025G8I2D Datasheet
93Kb / 1P
   10 Unit LED Array 2.5mm X 5mm RECTANGULAR LEDS
More results


Similar Description - SSA-LXH1025G8Y1I1D

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSA-LXH1025G5Y2I3D LUMEX-SSA-LXH1025G5Y2I3D Datasheet
93Kb / 1P
   10 Unit LED Array 2.5mm X 5mm RECTANGULAR LEDS
SSA-LXH1025G8I2D LUMEX-SSA-LXH1025G8I2D Datasheet
93Kb / 1P
   10 Unit LED Array 2.5mm X 5mm RECTANGULAR LEDS
SSA-LXH1025G7H3D LUMEX-SSA-LXH1025G7H3D Datasheet
83Kb / 1P
   10 Unit LED Array 2.5mm X 5mm RECTANGULAR LEDS
SSA-LXH1025G4Y3I3D LUMEX-SSA-LXH1025G4Y3I3D Datasheet
95Kb / 1P
   10 Unit LED Array 2.5mm X 5mm RECTANGULAR LEDS
SSA-LXH1025GD LUMEX-SSA-LXH1025GD Datasheet
49Kb / 1P
   10 Unit LED Array 2.5mm X 5mm RECTANGULAR LEDS
SSA-LXB1027SRD LUMEX-SSA-LXB1027SRD Datasheet
81Kb / 1P
   LED ARRAY, 10 Unit 2.5mm X 7mm Rectangular LEDS
SSA-LXB1027SUGD LUMEX-SSA-LXB1027SUGD Datasheet
79Kb / 1P
   LED ARRAY, 10 Unit 2.5mm X 7mm RECTANGULAR LEDS
SSA-LXB1027USBD LUMEX-SSA-LXB1027USBD Datasheet
82Kb / 1P
   LED ARRAY, 10 Unit 2.5mm X 7mm RECTANGULAR LEDS
SSA-LXB1027-3I7GD LUMEX-SSA-LXB1027-3I7GD Datasheet
60Kb / 1P
   LED Array 10 Unit 2.5mm X 7mm Rectangular Leds
SSA-LXH1025SRD LUMEX-SSA-LXH1025SRD Datasheet
88Kb / 1P
   2.5mm X 5mm 10 LED Rectangular Array
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com