Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2348 Datasheet (PDF) - NTE Electronics

NTE2348 Datasheet PDF - NTE Electronics
Part # NTE2348
Download  NTE2348 Download

File Size   22.83 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor High Voltage, High Speed Switch

NTE2348 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE2348 Datasheet PDF - NTE Electronics

Part # NTE2348
Download  NTE2348 Click to download

File Size   22.83 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor High Voltage, High Speed Switch

NTE2348 Datasheet (HTML) - NTE Electronics

NTE2348 Datasheet HTML 1Page - NTE Electronics NTE2348 Datasheet HTML 2Page - NTE Electronics

NTE2348 Product details

Description:
The NTE2349 (NPN) and NTE2350 (PNP) are silicon complementary Darlington transistors in a TO3
type package designed for use as output devices in general purpose amplifier applications.

Features:
 High DC Current Gain: hFE= 1000 (Min) @ IC= 25A
                               hFE= 400 (Min) @ IC= 50A
 Diode Protection to Rated IC
 Monolithic Construction w/Built–In Base–Emitter Shunt Resistor
 Junction Temperature to +200°C




Similar Part No. - NTE2348

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE234 NTE-NTE234 Datasheet
21Kb / 2P
   Silicon PNP Transistor Low Noise, High Gain Amplifier
NTE2340 NTE-NTE2340 Datasheet
22Kb / 2P
   Silicon NPN Transistor Darlington Power Amp, Switch
NTE2341 NTE-NTE2341 Datasheet
23Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2342 NTE-NTE2342 Datasheet
23Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2343 NTE-NTE2343 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Darlington Power Amp, Switch
More results


Similar Description - NTE2348

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE51 NTE-NTE51 Datasheet
24Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2586 NTE-NTE2586 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2312 NTE-NTE2312 Datasheet
23Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2318 NTE-NTE2318 Datasheet
23Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2327 NTE-NTE2327 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE52 NTE-NTE52 Datasheet
25Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2310 NTE-NTE2310 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2339 NTE-NTE2339 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2579 NTE-NTE2579 Datasheet
19Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2584 NTE-NTE2584 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com