Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1MF Datasheet (PDF) - Gaomi Xinghe Electronics Co., Ltd.

US1MF Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.
Part # US1MF
Download  US1MF Download
File Size   439.9 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description 1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER

US1MF Datasheet (PDF)

Go To PDF Page Download Datasheet
US1MF Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.

Part # US1MF
Download  US1MF Click to download

File Size   439.9 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description 1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER

US1MF Datasheet (HTML) - Gaomi Xinghe Electronics Co., Ltd.


US1MF Product details

Features
 • Glass Passivated Die Construction
 • Diffused Junction
 • Ultra-Fast Recovery Time for High Efficiency
 • Low Forward Voltage Drop, High Current Capability, and Low Power Loss
 • Surge Overload Rating to 30A Peak
 • Ideally Suited for Automated Assembly
 • Plastic Material: UL Flammability Classification Rating 94V-0




Similar Part No. - US1MF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
US1MF ETC2-US1MF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Nanjing International G...
US1MF DGNJDZ-US1MF Datasheet
234Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
logo
AiT Semiconductor Inc.
US1MF AITSEMI-US1MF Datasheet
551Kb / 5P
ULTRAFAST RECOVERY RECTIFIER DIODES REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
logo
Guangdong Kexin Industr...
US1MF KEXIN-US1MF Datasheet
1Mb / 3P
Ultra Fast Recovery Diodes
logo
Guangdong Juxing Electr...
US1MF JUXING-US1MF Datasheet
711Kb / 3P
Surface Mount Ultra Fast Rectifiers
More results


Similar Description - US1MF

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
US1A DIODES-US1A_15 Datasheet
178Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1D-13-F DIODES-US1D-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1B-13-F DIODES-US1B-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1JDFQ DIODES-US1JDFQ Datasheet
414Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1GWF DIODES-US1GWF Datasheet
526Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1J-13-F DIODES-US1J-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1J-13 DIODES-US1J-13 Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 DIODES-DS16008 Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1A DIODES-US1A_09 Datasheet
148Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. 9 - 2
US1NWF DIODES-US1NWF Datasheet
437Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com