Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB00003GIKD-PF Datasheet (PDF) - Advanced Crystal Technology

SAB00003GIKD-PF Datasheet PDF - Advanced Crystal Technology
Part # SAB00003GIKD-PF
Download  SAB00003GIKD-PF Download

File Size   225.42 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 2.0 x 1.2mm Watch crystal

SAB00003GIKD-PF Datasheet (PDF)

Go To PDF Page Download Datasheet
SAB00003GIKD-PF Datasheet PDF - Advanced Crystal Technology

Part # SAB00003GIKD-PF
Download  SAB00003GIKD-PF Click to download

File Size   225.42 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 2.0 x 1.2mm Watch crystal

SAB00003GIKD-PF Datasheet (HTML) - Advanced Crystal Technology

SAB00003GIKD-PF Datasheet HTML 1Page - Advanced Crystal Technology SAB00003GIKD-PF Datasheet HTML 2Page - Advanced Crystal Technology



Similar Part No. - SAB00003GIKD-PF

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB0529 SIEMENS-SAB0529 Datasheet
517Kb / 16P
   SIEMENS PROGRAMMABLE DIGITAL TIMER
SAB0529G SIEMENS-SAB0529G Datasheet
517Kb / 16P
   SIEMENS PROGRAMMABLE DIGITAL TIMER
SAB0600 SIEMENS-SAB0600 Datasheet
286Kb / 9P
   THREEE TONE CHIME SINGLE TONE CHIME DUAL TONE CHIME
SAB0601 SIEMENS-SAB0601 Datasheet
286Kb / 9P
   THREEE TONE CHIME SINGLE TONE CHIME DUAL TONE CHIME
SAB0602 SIEMENS-SAB0602 Datasheet
286Kb / 9P
   THREEE TONE CHIME SINGLE TONE CHIME DUAL TONE CHIME
More results


Similar Description - SAB00003GIKD-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
1612H-SMX-4 ACT-1612H-SMX-4 Datasheet
179Kb / 1P
   1.6 x 1.2mm Crystal unit
1/2/2017
200A ACT-200A Datasheet
189Kb / 2P
   8.0 x 3.8mm Watch crystal
01/02/2017
1016-SMX-4 ACT-1016-SMX-4 Datasheet
230Kb / 2P
   1.6 x 1.2mm Crystal unit
1/02/2017
3215A ACT-3215A Datasheet
172Kb / 2P
   3.2 x 1.5mm Watch crystal
01/02/2017
logo
AEL Crystals Ltd
X32K768S021 AEL-X32K768S021 Datasheet
41Kb / 1P
   4.1 x 1.5mm SMD Watch Crystal
logo
Fox Electronics
C0BS FOX-C0BS Datasheet
287Kb / 3P
   1.6 x 1.2mm Ceramic SMD Crystal
logo
Kingbright Corporation
KP-2012SYC KINGBRIGHT-KP-2012SYC Datasheet
94Kb / 4P
   2.0 x 1.2mm SMD CHIP LED LAMPS
logo
Advanced Crystal Techno...
J206SMX ACT-J206SMX Datasheet
179Kb / 2P
   Watch crystal
01/02/2017
logo
Kingbright Corporation
AP2012SGC KINGBRIGHT-AP2012SGC Datasheet
92Kb / 4P
   2.0 X 1.2MM SMD CHIP LED LAMP
logo
Advanced Crystal Techno...
ACT1X5 ACT-ACT1X5 Datasheet
82Kb / 1P
   Watch Crystal
03-10-07
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com