![]() |
Electronic Components Datasheet Search |
|
301 Marking, FDV301N Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
FDV301N Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 5 page ![]() March 1999 FDV301N Digital FET , N-Channel General Description Features Absolute Maximum Ratings T A = 25 oC unless other wise noted Symbol Parameter FDV301N Units V DSS, VCC Drain-Source Voltage, Power Supply Voltage 25 V V GSS, VI Gate-Source Voltage, V IN 8 V I D, IO Drain/Output Current - Continuous 0.22 A 0.5 P D Maximum Power Dissipation 0.35 W T J,TSTG Operating and Storage Temperature Range -55 to 150 °C ESD Electrostatic Discharge Rating MIL-STD-883D Human Body Model (100pf / 1500 Ohm) 6.0 kV THERMAL CHARACTERISTICS RθJA Thermal Resistance, Junction-to-Ambient 357 °C/W FDV301N Rev.F 25 V, 0.22 A continuous, 0.5 A Peak. R DS(ON) = 5 Ω @ VGS= 2.7 V R DS(ON) = 4 Ω @ VGS= 4.5 V. Very low level gate drive requirements allowing direct operation in 3V circuits. V GS(th) < 1.5V. Gate-Source Zener for ESD ruggedness. >6kV Human Body Model Replace multiple NPN digital transistors with one DMOS FET. This N-Channel logic level enhancement mode field effect transistor is produced using Fairchild's proprietary, high cell density, DMOS technology. This very high density process is especially tailored to minimize on-state resistance. This device has been designed especially for low voltage applications as a replacement for digital transistors. Since bias resistors are not required, this one N-channel FET can replace several different digital transistors, with different bias resistor values. Mark:301 SOT-23 SuperSOT TM-8 SOIC-16 SO-8 SOT-223 SuperSOT TM-6 D G S D S G IN GND Vcc INVERTER APPLICATION OUT © 1999 Fairchild Semiconductor Corporation |
Similar Description - FDV301N |
|
|
Link URL |