Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS31256 Datasheet(PDF) 103 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 103 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 99Page - Maxim Integrated Products DS31256 Datasheet HTML 100Page - Maxim Integrated Products DS31256 Datasheet HTML 101Page - Maxim Integrated Products DS31256 Datasheet HTML 102Page - Maxim Integrated Products DS31256 Datasheet HTML 103Page - Maxim Integrated Products DS31256 Datasheet HTML 104Page - Maxim Integrated Products DS31256 Datasheet HTML 105Page - Maxim Integrated Products DS31256 Datasheet HTML 106Page - Maxim Integrated Products DS31256 Datasheet HTML 107Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
103 of 183
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 0; Bits 0 to 31/Current Data Buffer Address. The current 32-bit address of the data buffer that is being
used. This address is used by the DMA to track where data should be written to as it comes in from the receive
FIFO.
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 1; Bits 0 to 15/Current Descriptor Pointer. This 16-bit value is the offset from the receive descriptor
base address of the current receive descriptor being used by the DMA to describe the specifics of the data stored in
the associated data buffer.
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 1; Bits 16 to 31/Starting Descriptor Pointer. This 16-bit value is the offset from the receive descriptor
base address of the first receive descriptor in a link-list chain of descriptors. This pointer is written into the done
queue by the DMA after a specified number of data buffers (see the threshold value below) have been filled.
- HOST MUST CONFIGURE -
dword 2; Bit 0/Channel Enable (CHEN). This bit is controlled by the host to enable and disable an HDLC
channel.
0 = HDLC channel disabled
1 = HDLC channel enabled
- HOST MUST CONFIGURE -
dword 2; Bits 1, 2/Buffer Size Select. These bits are controlled by the host to select the manner in which the
receive DMA stores incoming packet data.
00 = use large size data buffers only
01 = use small size data buffers only
10 = fill a small buffer first, followed then by large buffers as needed
11 = illegal state and should not be selected
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 2; Bits 3 to 6/DMA Reserved. These could be any value when read. They should be set to 0 when the host
writes to it.
- HOST MUST CONFIGURE -
dword 2; Bits 7 to 9/Threshold. These bits are controlled by the host to determine when the DMA should write
into the done queue that data is available for processing. They cannot be set to 000 when in transparent mode
(RTRANS = 1).
000 = DMA should write to the done queue only after packet reception is complete
001 = DMA should write to the done queue after 1 data buffer has been filled
010 = DMA should write to the done queue after 2 data buffers have been filled
011 = DMA should write to the done queue after 3 data buffers have been filled
100 = DMA should write to the done queue after 4 data buffers have been filled
101 = DMA should write to the done queue after 5 data buffers have been filled
110 = DMA should write to the done queue after 6 data buffers have been filled
111 = DMA should write to the done queue after 7 data buffers have been filled
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 2; Bits 10 to 14/DMA Reserved. These could be any value when read. They should be set to 0 when the
host writes to it.
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 2; Bit 15/First Buffer Fill (FBF). This bit is set to 1 by the receive DMA when it is in the process of
filling the first buffer of a packet. The DMA uses this bit to determine when to switch to large buffers when the
buffer size-select field is set to 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com