| Electronic Components Datasheet Search |
|
AT89C5131A-RDTIM Datasheet(PDF) 122 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5131A-RDTIM Datasheet(HTML) 122 Page - ATMEL Corporation |
|
122 / 184 page ![]() 122 AT89C5130A/31A-M 4337C–USB–02/05 • Endpoint FIFO reset Before using an endpoint, its FIFO will be reset. This action resets the FIFO pointer to its original value, resets the byte counter of the endpoint (UBYCTLX and UBYCTHX registers), and resets the data toggle bit (DTGL bit in UEPCONX). The reset of an endpoint FIFO is performed by setting to 1 and resetting to 0 the corresponding bit in the UEPRST register. For example, in order to reset the Endpoint number 2 FIFO, write 0000 0100b then 0000 0000b in the UEPRST register. Note that the endpoint reset doesn’t reset the bank number for ping-pong endpoints. Read/Write Data FIFO FIFO Mapping Depending on the selected endpoint through the UEPNUM register, the UEPDATX reg- ister allows to access the corresponding endpoint data fifo. Figure 58. Endpoint FIFO Configuration Read Data FIFO The read access for each OUT endpoint is performed using the UEPDATX register. After a new valid packet has been received on an Endpoint, the data are stored into the FIFO and the byte counter of the endpoint is updated (UBYCTLX and UBYCTHX regis- ters). The firmware has to store the endpoint byte counter before any access to the endpoint FIFO. The byte counter is not updated when reading the FIFO. To read data from an endpoint, select the correct endpoint number in UEPNUM and read the UEPDATX register. This action automatically decreases the corresponding address vector, and the next data is then available in the UEPDATX register. Write Data FIFO The write access for each IN endpoint is performed using the UEPDATX register. To write a byte into an IN endpoint FIFO, select the correct endpoint number in UEP- NUM and write into the UEPDATX register. The corresponding address vector is automatically increased, and another write can be carried out. Warning 1: The byte counter is not updated. Warning 2: Do not write more bytes than supported by the corresponding endpoint. UEPNUM Endpoint 0 Endpoint 6 UEPSTA0 UEPCON0 UEPDAT0 UEPSTA6 UEPCON6 UEPDAT6 0 1 2 3 4 5 6 SFR registers UEPSTAX UEPCONX UEPDATX X UBYCTH0 UBYCTL0 UBYCTH6 UBYCTL6 UBYCTHX UBYCTLX |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |