Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678P Datasheet(PDF) 124 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 124 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 120Page - STMicroelectronics L9678P Datasheet HTML 121Page - STMicroelectronics L9678P Datasheet HTML 122Page - STMicroelectronics L9678P Datasheet HTML 123Page - STMicroelectronics L9678P Datasheet HTML 124Page - STMicroelectronics L9678P Datasheet HTML 125Page - STMicroelectronics L9678P Datasheet HTML 126Page - STMicroelectronics L9678P Datasheet HTML 127Page - STMicroelectronics L9678P Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 203 page
background image
Remote sensor interface
L9678P, L9678P-S
124/203
DocID029274 Rev 3
7
Remote sensor interface
The L9678P-S contains 2 remote sensor interfaces, capable of supporting PSI-5 protocol
(standard voltage range). A block diagram of the interface is shown below. The circuitry
consists of a power interface that demodulates current flowing in the external sensor and
transmits these current states to the decoder, which produces a digital value for each
satellite channel. Data are then output through the Remote Sensor Data Registers
(RSDRx). The power interface also contains error detection circuitry. When a fault is
detected, the error code is stored in a global SPI data buffer in the Remote Sensor Data
Registers (RSDRx).
Figure 30. Remote sensor interface logic blocks
The Remote Sensor Configuration Registers (RSCRx) allow for configuration of the
particular PSI5 protocol adopted by the sensor and the transceiver current limit blanking
time.
The Remote Sensor Control Register (RSCTRL) allows for interface channels to be
switched on and off via SPI.
RSU interface has 2 registers per channel, which can report either data or fault information,
that can be readout by sending 2 consecutive Read commands of the Remote Sensor Data
Register (RSDRx). It is a FIFO, so the first SPI reading contains the oldest received data
and the next SPI reading contains the most recent one. SPI accesses both from the same
address, i.e. the MCU should do 2 reads of the same RID to get both data samples. The
couple of registers will retain only the last two received messages, regardless they have
been qualified as valid or invalid data. In case of driver fault (Short to Ground, Short to
Battery, Over-current, Open detection, Over-temperature) any message is lost. To re-start a
correct reception of messages, it is needed to have no more fault present and fault flag read
by MCU.
If the device detects an error on the sensor interface, the fault bit in RSDRx (FLTBIT) will be
set to '1' and the following bits will be used to report the detected errors. Otherwise, the
register will contain only data information. Detailed information on data and fault reporting
are explained in the following sections.
When a fault condition is detected, the RSFLT bit of the global status word (GSW) is set to
1, except in the case the register is empty for which NODATA fault bit will be set instead.
Data are cleared upon reading the RSDRx register.
RSU interface is supplied by VSUP regulator as showed in Figure 31. To avoid a too low
RSU output voltage in case of battery loss, the upper VINGOOD and VBATMOND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com