Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9680 Datasheet(PDF) 144 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 140Page - STMicroelectronics L9680 Datasheet HTML 141Page - STMicroelectronics L9680 Datasheet HTML 142Page - STMicroelectronics L9680 Datasheet HTML 143Page - STMicroelectronics L9680 Datasheet HTML 144Page - STMicroelectronics L9680 Datasheet HTML 145Page - STMicroelectronics L9680 Datasheet HTML 146Page - STMicroelectronics L9680 Datasheet HTML 147Page - STMicroelectronics L9680 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 277 page
background image
SPI interfaces
L9680
144/277
DocID029257 Rev 1
F200 (SAF_CONTROL_4)
F300 (SAF_CONTROL_5)
F400 (SAF_CONTROL_6)
F500 (SAF_CONTROL_7
F600 (SAF_CONTROL_8)
F700 (SAF_CONTROL_9)
F800 (SAF_CONTROL_10)
F900 (SAF_CONTROL_11)
FA00 (SAF_CONTROL_12)
FB00 (SAF_CONTROL_13)
FC00 (SAF_CONTROL_14)
FD00 (SAF_CONTROL_15)
FE00 (SAF_CONTROL_16)
Write:
80DE (SAF_CONTROL_1)
80E0 (SAF_CONTROL_2)
80E2 (SAF_CONTROL_3)
80E4 (SAF_CONTROL_4)
80E6 (SAF_CONTROL_5)
80E8 (SAF_CONTROL_6)
80EA (SAF_CONTROL_7
80EC (SAF_CONTROL_8)
80EE (SAF_CONTROL_9)
80F0 (SAF_CONTROL_10)
80F2 (SAF_CONTROL_11)
80F4 (SAF_CONTROL_12)
80F6 (SAF_CONTROL_13)
80F8 (SAF_CONTROL_14)
80FA (SAF_CONTROL_15)
80FC (SAF_CONTROL_16)
ARMSELx
00
00
00 ARMINT select for safing recode x - correlates A
Updated by SSM_RESET or SPI write while in DIAG state
00 ARMP OR ARMN
01 ARMP
10 ARMN
11 ARMP OR ARMN
SPIFLDSELx
0
0
0
SPI field select for safing record x - determines which 16-bit field in long
SPI messages (>31 bit) to use for response on MISO of SPI monitor.
In case of messages less than 32 bits this bit is don't care. Updated by
SSM_RESET or SPI write while in DIAG state.
Updated by SSM_RESET or SPI write while in DIAG state
0 First 16 bits of SPI MISO frame used for Response Mask and Data
Mask bit-wise AND
1 Last 16 bits of SPI MISO frame used for Response Mask and Data
Mask bit-wise AND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com