Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9680 Datasheet(PDF) 162 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 158Page - STMicroelectronics L9680 Datasheet HTML 159Page - STMicroelectronics L9680 Datasheet HTML 160Page - STMicroelectronics L9680 Datasheet HTML 161Page - STMicroelectronics L9680 Datasheet HTML 162Page - STMicroelectronics L9680 Datasheet HTML 163Page - STMicroelectronics L9680 Datasheet HTML 164Page - STMicroelectronics L9680 Datasheet HTML 165Page - STMicroelectronics L9680 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 277 page
background image
Deployment drivers
L9680
162/277
DocID029257 Rev 1
8.1.3
Deployment control flow
Deployment control logic requires the following conditions to be true to successfully operate
a deployment:
POR = 0
SSM to be either in Safing State or Arming State
a valid arming condition processed by safing logic or ARMx signals to be set
(depending on selection of internal or external safing engine)
channel-specific deploy command request bits to be set via SPI in the Deploy
command Register (DEPCOM)
a global deployment state has to be active, as described in the following figure.
Figure 31. Global SPI deployment enable state diagram
In case a multiple deployment request would be needed, i.e. deploying the same channel in
sequence, a toggle on DEP_DISABLED has to be performed and a new DEPCOM
command on the same channel has to be sent.
The SPI DEPCOM command is ignored if the device is in the DEP_DISABLED state and the
deploy command is not set. While in DEP_ENABLED state, the following functionalities that
could be active are forced to their reset state:
All squib and DC sensor diagnostic current or voltage sources
All squib, DC sensor and ADC diagnostic MUX settings, state machine, etc.
The SPI_LOCK and SPI_UNLOCK signals are available in the SPIDEPEN command:
High-side and Low-side enablers (ARMx) are assigned to the desired channels by means of
the programmable loop matrix. Loop matrix registers are 4, one for each ARMx signals. In
each loop matrix register 12 bits are present to associate independently loops with ARMx
signals. In case external safing is selected LOOP_MATRIX_ARM4 register is don't care
because ARM4 pin is used to arm the low side of all loops without association matrix.
Deploy commands in the Deploy Command Register (DEPCOM) are channel specific.
Deployment requires a valid arming condition from safing logic or ARMx signals to be set
any time before, during or after the specific sequence of deploy commands is received. It is
feasible for a deploy command to be received without a valid arming condition from safing
logic or the ARMx being set. In this case, the deploy command will be terminated according



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com