Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9680 Datasheet(PDF) 191 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 191 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 187Page - STMicroelectronics L9680 Datasheet HTML 188Page - STMicroelectronics L9680 Datasheet HTML 189Page - STMicroelectronics L9680 Datasheet HTML 190Page - STMicroelectronics L9680 Datasheet HTML 191Page - STMicroelectronics L9680 Datasheet HTML 192Page - STMicroelectronics L9680 Datasheet HTML 193Page - STMicroelectronics L9680 Datasheet HTML 194Page - STMicroelectronics L9680 Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 277 page
background image
DocID029257 Rev 1
191/277
L9680
Watchdog timers
276
To refresh WD2, the logic must receive a WD2_KEY command containing the expected key
value before the WD2 timer expires. If it is received too late the refresh criteria have not
been met. The WD2 error is asserted if the refresh does not occur before the end of the
timeout. The WD2 error is not asserted if it receives continuously a WD2_KEY command
with the correct key. This allows the system software to repeatedly transmit the correct key
value at any rate faster than the required timeout.
Upon reception of the correct key, the logic will generate a new seed value, then calculate a
new key using the new seed and reset the watchdog timer to create a new timeout.
When in WD2 INITSEED state, the three steps above are executed anyway. The seed is
latched from a free-running counter that starts when WSM is released. The WD2_KEY
command is used for transmission of the watchdog key, while WD2_SEED command is
used to read the new seed and the previous key.
The SEED is generated by latching the value from a free-running counter. The free-running
seed counter runs at a rate of fWD2_SEED as specified in Table 29. The key value and seed
value are 8-bits in length. The key shall be calculated as follows: (KEY = SEED ‡ PrevKEY
+ $01) where ‡ denotes a bit-wise XOR operation
10.3
Watchdog reset assertion timer
Upon either a WD1 or a WD2 watchdog reset, the watchdog logic will momentarily assert
the RESET pin for time duration TWDT1_RST / TWDT2_RST. When the RESET pin has been
asserted through the watchdog reset assertion timer, stored faults are maintained and can
be read by the microcontroller via SPI following the RESET period.
10.4
Watchdog timer disable input (WDT/TM)
This input pin has a passive and active pull-down and is used to disable the watchdog timer.
The state of this pin can be read by SPI through the WDT/TM_S bit in the GSW register.
When WDT/TM pin is asserted, the watchdog timer is disabled, the timer is reset to its
starting value and no faults are generated.
The WDT/TM input pin must not be biased HIGH (WDT/TM > VWDTDIS_TH) prior to POR in
order to have a proper start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com