Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9680 Datasheet(PDF) 209 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 209 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 205Page - STMicroelectronics L9680 Datasheet HTML 206Page - STMicroelectronics L9680 Datasheet HTML 207Page - STMicroelectronics L9680 Datasheet HTML 208Page - STMicroelectronics L9680 Datasheet HTML 209Page - STMicroelectronics L9680 Datasheet HTML 210Page - STMicroelectronics L9680 Datasheet HTML 211Page - STMicroelectronics L9680 Datasheet HTML 212Page - STMicroelectronics L9680 Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 277 page
background image
DocID029257 Rev 1
209/277
L9680
Safing logic
276
Figure 61. ARMx input/output control logic
12.5.1
Arming pulse stretch
Upon a valid command processed by the safing logic, the Dwell bit to stretch the arming
time assertion (dwell time) applies to each safing record and is used to help safe the
deployment sequence to avoid undesired behaviour.
Once dwell time has started, it will continue, regardless of the En (Record Enable) bit. Dwell
will be truncated in case of SSM reset. Dwell values in the safing records are transferred to
the ARMx signals. A dedicated counter is designed for each ARMx output pin. If different
dwell values are assigned to the same ARMx, the longer value is used. Dwell times can only
be extended, not reduced. If the remaining dwell time is less than the new dwell extension
setting, the new setting will be loaded into the dwell counter.
Dwell times are user programmable.
The behaviour of the pulse stretch timer is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com