Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9680 Datasheet(PDF) 275 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 275 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 269Page - STMicroelectronics L9680 Datasheet HTML 270Page - STMicroelectronics L9680 Datasheet HTML 271Page - STMicroelectronics L9680 Datasheet HTML 272Page - STMicroelectronics L9680 Datasheet HTML 273Page - STMicroelectronics L9680 Datasheet HTML 274Page - STMicroelectronics L9680 Datasheet HTML 275Page - STMicroelectronics L9680 Datasheet HTML 276Page - STMicroelectronics L9680 Datasheet HTML 277Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 275 / 277 page
background image
DocID029257 Rev 1
275/277
L9680
Package information
276
Table 74. TQFP100 (14x14x1.4 mm exp. pad down) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
1.20
-
-
0.0472
A1
0.05
-
0.15
0.0020
-
0.0059
A2
0.95
1.00
1.05
0.0374
0.0394
0.0413
b
0.17
0.22
0.27
0.0067
0.0087
0.0106
c
0.09
-
0.20
0.0035
-
0.0079
D
15.80
16.00
16.20
0.6220
0.6299
0.6378
D1
13.80
14.00
14.20
0.5433
0.5512
0.5591
D2(2)
2. The size of exposed pad is variable depending of lead frame design pad size. End user should verify “D2”
and “E2” dimensions for each device application.
5.40
-
8.50
0.2126
-
0.3346
D3
-
12.00
-
-
0.4724
-
E
15.80
16.00
16.20
0.622
0.6299
0.6378
E1
13.80
14.00
14.20
0.5433
0.5512
0.5591
E2(2))
5.40
-
8.50
0.2126
-
0.3346
E3
-
12.00
-
-
0.4724
-
e
-
0.50
-
-
0.0197
-
L
0.45
0.60
0.75
0.0177
0.0236
0.0295
L1
-
1.00
-
-
0.0394
-
k
-
3.50
7.00
-
0.1378
0.2756
ccc
-
-
0.08
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com