Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV64K Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 97Page - STMicroelectronics ST25DV64K Datasheet HTML 98Page - STMicroelectronics ST25DV64K Datasheet HTML 99Page - STMicroelectronics ST25DV64K Datasheet HTML 100Page - STMicroelectronics ST25DV64K Datasheet HTML 101Page - STMicroelectronics ST25DV64K Datasheet HTML 102Page - STMicroelectronics ST25DV64K Datasheet HTML 103Page - STMicroelectronics ST25DV64K Datasheet HTML 104Page - STMicroelectronics ST25DV64K Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 220 page
background image
DocID027603 Rev 4
101/220
ST25DV04K ST25DV16K ST25DV64K
RF operations
219
7.4.2
ST25DVxxx states referring to RF protocol
The ST25DVxxx can be in one of four states:
•
Power-off
•
Ready
•
Quiet
•
Selected
Transitions between these states are specified in Figure 33: ST25DVxxx state transition
diagram and Table 55: ST25DVxxx response depending on Request_flags.
Power-off state
The ST25DVxxx is in the Power-off state when it does not receive enough energy from the
VCD.
Ready state
The ST25DVxxx is in the Ready state when it receives enough energy from the VCD. When
in the Ready state, the ST25DVxxx answers any request where the Select_flag is not set.
Quiet state
When in the Quiet state, the ST25DVxxx answers any request with the Address_flag set,
except for Inventory requests.
Selected state
In the Selected state, the ST25DVxxx answers any request in all modes (see Section 7.4.3:
Modes):
•
Request in Select mode with the Select_flag set
•
Request in Addressed mode if the UID matches
•
Request in Non-Addressed mode as it is the mode for general requests
Figure 32. ST25DVxxx protocol timing
VCD
Request
frame
Request
frame
ST25DVx
xx
Response
frame
Response
frame
Timing
<-t1->
<-t2->
<-t1->
<-t2->



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com