Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV64K Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 104Page - STMicroelectronics ST25DV64K Datasheet HTML 105Page - STMicroelectronics ST25DV64K Datasheet HTML 106Page - STMicroelectronics ST25DV64K Datasheet HTML 107Page - STMicroelectronics ST25DV64K Datasheet HTML 108Page - STMicroelectronics ST25DV64K Datasheet HTML 109Page - STMicroelectronics ST25DV64K Datasheet HTML 110Page - STMicroelectronics ST25DV64K Datasheet HTML 111Page - STMicroelectronics ST25DV64K Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 220 page
background image
RF operations
ST25DV04K ST25DV16K ST25DV64K
108/220
DocID027603 Rev 4
7.6
RF Commands
7.6.1
RF command code list
The ST25DVxxx supports the following legacy and extended RF command set:
•
Inventory, used to perform the anticollision sequence.
•
Stay Quiet, used to put the ST25DVxxx in quiet mode, where it does not respond to
any inventory command.
•
Select, used to select the ST25DVxxx. After this command, the ST25DVxxx processes
all Read/Write commands with Select_flag set.
•
Reset To Ready, used to put the ST25DVxxx in the ready state.
•
Read Single Block and Extended Read Single Block, used to output the 32 bit of the
selected block and its locking status.
•
Write Single Block and Extended Write Single Block, used to write and verify the
new content for an update of a 32 bit block, provided that it is not in a locked memory
area.
•
Read Multiple Blocks and Extended Read Multiple Block, used to read the selected
blocks in an unique area, and send back their value.
•
Write Multiple Blocks and Extended Write Multiple Block, used to write and verify
the new content for an update of up to 4 blocks located in the same memory area,
which was not previously locked for writing.
•
Write AFI, used to write the 8-bit value in the AFI register.
•
Lock AFI, used to lock the AFI register.
•
Write DSFID, used to write the 8-bit value in the DSFID register.
•
Lock DSFID, used to lock the DSFID register.
•
Get System information and Extended Get System Information, used to provide
the system information value.
•
Get System information, used to provide the standard system information values.
•
Extended Get System Information, used to provide the extended system information
values.
•
Write Password, used to update the 64 bit of the selected areas or configuration
password, but only after presenting the current one.
•
Lock Block and Extended Lock block, used to write the CC file blocks security status
bits (Protect the CC File content against writing).
•
Present Password, enables the user to present a password to open a security
session.
•
Fast Read Single Block and Fast Extended Read Single Block, used to output the
32 bits of the selected block and its locking status at doubled data rate.
•
Fast Read Multiple Blocks and Fast Extended Read Multiple Blocks, used to read
the selected blocks in a single area and send back their value at doubled data rate.
•
Read Message, used to output up to 256 byte of the Mailbox.
•
Read Message Length, used to output the Mailbox message length.
•
Fast Read Message, used to output up to 256 byte of the mailbox, at double data rate.
•
Write Message, used to write up to 256 byte in the Mailbox.
•
Fast Read Message Length, used to ouput the mailbox length, at double data
rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com