Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021B Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1021B
Description  1-Mbit (64K x 16) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021B Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1021B Datasheet HTML 2Page - Cypress Semiconductor CY7C1021B Datasheet HTML 3Page - Cypress Semiconductor CY7C1021B Datasheet HTML 4Page - Cypress Semiconductor CY7C1021B Datasheet HTML 5Page - Cypress Semiconductor CY7C1021B Datasheet HTML 6Page - Cypress Semiconductor CY7C1021B Datasheet HTML 7Page - Cypress Semiconductor CY7C1021B Datasheet HTML 8Page - Cypress Semiconductor CY7C1021B Datasheet HTML 9Page - Cypress Semiconductor CY7C1021B Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY7C1021B
CY7C10211B
Document #: 38-05145 Rev. *A
Page 8 of 10
15
CY7C1021B-15VC
V34
44-pin (400-Mil) Molded SOJ
Commercial
CY7C1021B-15VI
V34
44-pin (400-Mil) Molded SOJ
Industrial
CY7C1021BL-15VC
V34
44-pin (400-Mil) Molded SOJ
Commercial
CY7C1021B-15VE
V34
44-pin (400-Mil) Molded SOJ
Automotive
CY7C1021B-15ZC
Z44
44-pin TSOP Type II
Commercial
CY7C1021B-15ZXC
Z44
Lead (Pb)-Free, 44-pin TSOP Type II
Commercial
CY7C1021B-15ZI
Z44
44-pin TSOP Type II
Industrial
CY7C1021BL-15ZC
Z44
44-pin TSOP Type II
Commercial
CY7C1021B-15ZE
Z44
44-pin TSOP Type II
Automotive
Ordering Information (continued)
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
Package Diagrams
1
22
23
44
0.395
0.405
0.435
0.445
1.120
1.130
0.045
MAX.
0.023
0.033
0.013
0.023
0.050
TYP.
0.095
0.115
0.128
0.148
0.025
MIN.
0.082
MIN.
0°-10°
0.365
0.375
0.007
0.013
SEATING PLANE
DIMENSIONS IN INCHES MIN.
MAX.
0.004
44-Lead (400-Mil) Molded SOJ V34
51-85082-*B


Similar Part No. - CY7C1021B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
239Kb / 11P
   64K x 16 Static RAM
September 13, 2002
CY7C1021B CYPRESS-CY7C1021B Datasheet
322Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B-12ZXC CYPRESS-CY7C1021B-12ZXC Datasheet
327Kb / 10P
   1-Mbit (64K X 16) Static RAM
CY7C1021B-15VC CYPRESS-CY7C1021B-15VC Datasheet
322Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B-15VC CYPRESS-CY7C1021B-15VC Datasheet
327Kb / 10P
   1-Mbit (64K X 16) Static RAM
More results

Similar Description - CY7C1021B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com