Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C10211B-10ZC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C10211B-10ZC
Description  1-Mbit (64K x 16) Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C10211B-10ZC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C10211B-10ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CY7C1021B
CY7C10211B
Document #: 38-05145 Rev. *A
Page 5 of 10
tLZWE
WE HIGH to Low Z[7]
33
3
ns
tHZWE
WE LOW to High Z[7, 8]
56
7
ns
tBW
Byte Enable to End of Write
7
8
9
ns
Switching Characteristics[6] Over the Operating Range (continued)
Parameter
Description
7C10211B-10
7C1021B-12
7C1021B-15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Switching Waveforms
Notes:
10. Device is continuously selected. OE, CE, BHE and/or BHE = VIL.
11. WE is HIGH for read cycle.
Read Cycle No. 1
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
[10, 11]
Read Cycle No. 2 (OE Controlled)
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
tHZOE
tHZBE
tPD
HIGH
OE
CE
ICC
ISB
IMPEDANCE
ADDRESS
DATA OUT
VCC
SUPPLY
tDBE
tLZBE
tHZCE
BHE, BLE
[11, 12]
CURRENT
ICC
ISB


Similar Part No. - CY7C10211B-10ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10211BN-10ZXC CYPRESS-CY7C10211BN-10ZXC Datasheet
474Kb / 10P
1-Mbit (64K x 16) Static RAM
CY7C10211BN-10ZXC CYPRESS-CY7C10211BN-10ZXC Datasheet
461Kb / 10P
1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C10211B-10ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com