Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C10211B-10ZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C10211B-10ZC
Description  1-Mbit (64K x 16) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C10211B-10ZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C10211B-10ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C10211B-10ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1-Mbit (64K x 16) Static RAM
CY7C1021B
CY7C10211B
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05145 Rev. *A
Revised June 20, 2004
Features
• Temperature Ranges
— Commercial: 0°C to 70°C
— Industrial: –40°C to 85°C
— Automotive: –40°C to 125°C
•High speed
—tAA = 10 ns (Commercial & Industrial)
—tAA = 15 ns (Automotive)
• CMOS for optimum speed/power
• Low active power
— 825 mW (max.)
• Automatic power-down when deselected
• Independent control of upper and lower bits
• Available in 44-pin TSOP II and 400-mil SOJ
• Also available in Lead (Pb)-Free 44-pin TSOP II
Functional Description[1]
The CY7C1021B/10211B is a high-performance CMOS static
RAM organized as 65,536 words by 16 bits. This device has
an automatic power-down feature that significantly reduces
power consumption when deselected.
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. If Byte Low Enable
(BLE) is LOW, then data from I/O pins (I/O1 through I/O8), is
written into the location specified on the address pins (A0
through A15). If Byte High Enable (BHE) is LOW, then data
from I/O pins (I/O9 through I/O16) is written into the location
specified on the address pins (A0 through A15).
Reading from the device is accomplished by taking Chip
Enable (CE) and Output Enable (OE) LOW while forcing the
Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW,
then data from the memory location specified by the address
pins will appear on I/O1 to I/O8. If Byte High Enable (BHE) is
LOW, then data from memory will appear on I/O9 to I/O16. See
the truth table at the back of this data sheet for a complete
description of read and write modes.
The input/output pins (I/O1 through I/O16) are placed in a
high-impedance state when the device is deselected (CE
HIGH), the outputs are disabled (OE HIGH), the BHE and BLE
are disabled (BHE, BLE HIGH), or during a write operation (CE
LOW, and WE LOW).
The CY7C1021B/10211B is available in standard 44-pin
TSOP Type II and 400-mil-wide SOJ packages. Customers
should use part number CY7C10211B when ordering parts
with 10-ns tAA, and CY7C1021B when ordering 12- and 15-ns
tAA.
Note:
1. For best-practice recommendations, please refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com.
Logic Block Diagram
64K x 16
RAM Array
I/O1–I/O8
A7
A6
A5
A4
A3
A0
COLUMN DECODER
512 X 2048
DATA IN DRIVERS
OE
A2
A1
I/O9–I/O16
CE
WE
BLE
BHE


Similar Part No. - CY7C10211B-10ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10211BN-10ZXC CYPRESS-CY7C10211BN-10ZXC Datasheet
474Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C10211BN-10ZXC CYPRESS-CY7C10211BN-10ZXC Datasheet
461Kb / 10P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C10211B-10ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com