Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1938SF6 Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM1938SF6
Description  White LED Step-Up Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1938SF6 Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM1938SF6 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1938SF6 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1938SF6 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1938SF6 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1938SF6 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1938SF6 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
White LED Step-Up Converter
LM1938
Aug. 2011 – Pre
- 4
-
HTC
ELECTRICAL CHARACTERISTICS
TA = 25°C, VIN = 5V, VSHDN = 5V, unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Minimum Operating Voltage
VINMIN
2.5
V
Maximum Operating Voltage
VINMAX
10
V
Feedback Voltage
VFB
ILOAD = 180mA, VIN=5V
86
95
104
mV
FB Pin Bias Current
10
45
100
nA
Supply Current
/SHDN = 0V
2.1
0.1
3.0
1.0
mA
uA
Switching Frequency
1.1
1.3
1.6
MHz
Maximum Duty Cycle
85
90
%
Switch Current Limit
650
mA
Switch VCESAT
ISW = 250mA
350
mV
Switch Leakage Current
VSW = 5V
0.01
5
uA
SHDN Voltage High
1.5
V
SHDN Voltage Low
0.4
V
SHDN Pin Bias Current
65
uA
OVP Threshhold
29
V


Similar Part No. - LM1938SF6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM193 NSC-LM193 Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193 TI1-LM193 Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
logo
NXP Semiconductors
LM193 PHILIPS-LM193 Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM193 TI1-LM193 Datasheet
1Mb / 46P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM1938SF6

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
   WHITE LED STEP-UP CONVERTER
AP3031 BCDSEMI-AP3031 Datasheet
340Kb / 16P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com