Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACP-4000 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ACP-4000
Description  Quiet 4U Rackmount Chassis
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ACP-4000 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ACP-4000_17 Datasheet HTML 1Page - Advantech Co., Ltd. ACP-4000_17 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ACP-4000
Ordering Information
Part Number
Power Supply
Wattage
Switch type
Backplane Version
ACP-4000BP-00CE
NA
-
ATX
ACP-4000BP-30CE
PS8-300ATX-ZBE
300W
ATX
ACP-4000BP-40CE
PS8-400ATX-ZE
400W
ATX
ACP-4000BP-50CE
PS8-500ATX-ZE
500W
ATX
Mother board Version
ACP-4000MB-00CE
NA
-
ATX
ACP-4000MB-30CE
PS8-300ATX-ZBE
300W
ATX
ACP-4000MB-40CE
PS8-400ATX-ZE
400W
ATX
ACP-4000MB-50CE
PS8-500ATX-ZE
500W
ATX
ACP-4000MB-50RCE
RPS8-500ATX-XE
500W (1+1)
redundant
ATX
Power Supply Options
(For detailed power supply specs, please refer to Chapter 13)
Part Number
80 Plus
Grade
Wattage
Type
Input
RPS8-350ATX-XE
Gold
350W
1+1
Redundant
AC 100 ~ 240 V
(full range)
RPS8-500ATX-XE
Bronze
500W
1+1
Redundant
AC 100 ~ 240 V
(full range)
PS-300ATX-DC48E
N/A
300W
Single
DC -48 V
Optional Accessories
Part Number
Description
1700006915
ATX 24P/20P + 4P + 8P 60cm cable (connecting from power
supply to alarm board)
1700006917
Two Mini DIN (connect to MB) / 6P (connect to front I/O
board) PS2 KB/Mouse cable
IPC-DT-5230E
Mobile rack for converting dual 5.25" drive bays to three
3.5" SATA HDD trays
* If users use AIMB-763 or 3rd party motherboard, they need to purchase 1700006915 or 1700006916
for the front voltage LEDs to function normally. And they also need to purchase 1700006917 to make
front PS/2 function normally.
* If users use ASMB-822, they need to purchase 1700006915 for the front voltage LEDs to function
normally.
Spare Parts
Part Number
Description
2130006147S000
Door filter 97.6 x 36.6 x 5 mm
2130004803S000
Fan filter 115 x 195 x 5 mm
Dimensions
Unit: mm [inch]
523.1 [20.59]
478.6 [18.84]
98.0
[3.86]
92.0
[3.62]
92.0
[3.62]
92.0
[3.62]
177.0 [6.97]
101.6 [4.00]


Similar Part No. - ACP-4000_17

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4000 ADVANTECH-ACP-4000_12 Datasheet
2Mb / 2P
   4U Rackmount Chassis with Visual & Audible Alarm Notification
More results

Similar Description - ACP-4000_17

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4320 ADVANTECH-ACP-4320_17 Datasheet
884Kb / 2P
   Quiet 4U Rackmount Chassis
ACP-4010 ADVANTECH-ACP-4010_17 Datasheet
849Kb / 2P
   Quiet 4U Rackmount Chassis for ATX/CEB/EEB Motherboard
logo
Protech Systems Co., Lt...
PCH-R400M PROTECHSYSTEMS-PCH-R400M Datasheet
110Kb / 1P
   4U Rackmount Chassis
logo
Axiomtek Co., Ltd.
AX6145 AXIOMTEK-AX6145_17 Datasheet
405Kb / 2P
   4U Rackmount Chassis
AX6145 AXIOMTEK-AX6145_16 Datasheet
415Kb / 2P
   4U 14-slot Rackmount Chassis
AX61400 AXIOMTEK-AX61400_16 Datasheet
295Kb / 2P
   4U 14-slot Rackmount Chassis
logo
Protech Systems Co., Lt...
PCH-R414 PROTECHSYSTEMS-PCH-R414 Datasheet
643Kb / 1P
   4U 14-slot Rackmount Chassis
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE_16 Datasheet
1,006Kb / 2P
   4U 14-slot Rackmount Chassis
logo
Advantech Co., Ltd.
IPC-623 ADVANTECH-IPC-623_V02 Datasheet
991Kb / 2P
   4U 20-Slot Rackmount Chassis
21-Jun-2021
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE_17 Datasheet
1,005Kb / 2P
   4U 14-slot Rackmount Chassis
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com