Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACP-4000 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ACP-4000
Description  Quiet 4U Rackmount Chassis
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ACP-4000 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ACP-4000_17 Datasheet HTML 1Page - Advantech Co., Ltd. ACP-4000_17 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Chassis
Features
ACP-4000
Quiet 4U Rackmount Chassis with Visual
& Audible Alarm Notification
ƒ Supports either an ATX motherboard or PICMG backplane with up to 15 slots
ƒ Shock-resistant disk drive bay design holds up to three 5.25" and one 3.5"
disk drives
ƒ LED indicators and alarm notification for system fault detection
ƒ Low noise system fans
ƒ Built-in Intelligent System Module enables whole system fan control and
remote manageability
Specifications
Drive Bay
External
3.5"
1
5.25"
3
Cooling
Fan
2 (12 cm / 85 CFM each)
Air Filter
Yes
Front I/O Interface
USB 2.0
2
PS/2
1
Miscellaneous
LED Indicators
Power, HDD, temperature, fan, and power voltage status
Rear Panel
Backplane version: One 9-pin D-Sub opening
Motherboard version: Five 9-pin D-Sub & one 25-pin D-Sub openings
Intelligent System
Module Remote
Monitoring
CPU/System fan speed , CPU/System temperature , motherboard voltage
(Only selected Advantech MBs/CPU cards with WISE-PaaS/RMM installed can fully enable these functions, check with Advantech local rep. for
detailed information.)
Environment
Operating
Non-Operating
Temperature
0 ~ 40 °C (32 ~ 104 °F)
-20 ~ 60 °C (-4 ~ 140 °F)
Humidity
10 ~ 85% @ 40 °C, non-condensing
10 ~ 95% @ 40 °C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
Physical Characteristics
Dimensions (W x H x D)
482 x 177 x 479 mm (19" x 7" x 18.9")
Weight
15.2 kg (33.5 lb)
Two 85 CFM
cooling fans
Three 5.25" drive bays
(Devices not included)
System reset button
Alarm reset button
PS/2 keyboard
connector
USB
One 3.5" drive bay
Power switch
Front View
Last updated: 18-Aug-2017
All product specifications are subject to change without notice.


Similar Part No. - ACP-4000_17

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4000 ADVANTECH-ACP-4000_12 Datasheet
2Mb / 2P
   4U Rackmount Chassis with Visual & Audible Alarm Notification
More results

Similar Description - ACP-4000_17

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4320 ADVANTECH-ACP-4320_17 Datasheet
884Kb / 2P
   Quiet 4U Rackmount Chassis
ACP-4010 ADVANTECH-ACP-4010_17 Datasheet
849Kb / 2P
   Quiet 4U Rackmount Chassis for ATX/CEB/EEB Motherboard
logo
Protech Systems Co., Lt...
PCH-R400M PROTECHSYSTEMS-PCH-R400M Datasheet
110Kb / 1P
   4U Rackmount Chassis
logo
Axiomtek Co., Ltd.
AX6145 AXIOMTEK-AX6145_17 Datasheet
405Kb / 2P
   4U Rackmount Chassis
AX6145 AXIOMTEK-AX6145_16 Datasheet
415Kb / 2P
   4U 14-slot Rackmount Chassis
AX61400 AXIOMTEK-AX61400_16 Datasheet
295Kb / 2P
   4U 14-slot Rackmount Chassis
logo
Protech Systems Co., Lt...
PCH-R414 PROTECHSYSTEMS-PCH-R414 Datasheet
643Kb / 1P
   4U 14-slot Rackmount Chassis
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE_16 Datasheet
1,006Kb / 2P
   4U 14-slot Rackmount Chassis
logo
Advantech Co., Ltd.
IPC-623 ADVANTECH-IPC-623_V02 Datasheet
991Kb / 2P
   4U 20-Slot Rackmount Chassis
21-Jun-2021
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE_17 Datasheet
1,005Kb / 2P
   4U 14-slot Rackmount Chassis
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com