Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP666G Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP666G
Description  Photocoupler GaAs Ired & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP666G Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP666G Datasheet HTML 1Page - Toshiba Semiconductor TLP666G Datasheet HTML 2Page - Toshiba Semiconductor TLP666G Datasheet HTML 3Page - Toshiba Semiconductor TLP666G Datasheet HTML 4Page - Toshiba Semiconductor TLP666G Datasheet HTML 5Page - Toshiba Semiconductor TLP666G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP666G
2002-09-25
4
IF – Ta
Ambient temperature Ta (°C)
0
-20
80
40
20
0
20
40
60
80
100
60
100
120
IFP – DR
Duty cycle ratio DR
3000
3
30
500
10-3
3
3
100
10
50
1000
300
100
3
10-2
10-1
Pulse width≦100µs
Ta = 25°C
∆VF / ∆Ta – IF
Forward current IF (mA)
-3.2
-0.4
0.1
0.3
1
5
10
30
-0.8
-2.0
-1.6
-2.8
-2.4
-1.2
0.5
3
50
IT (RMS) – Ta
Ambient temperature Ta (°C)
200
0
-20
120
80
0
20
40
60
80
100
160
40
120
IFP – VFP
Pulse forward voltage VFP (V)
Pulse width≦10µs
Repetitive
Frequency = 100Hz
Ta = 25°C
1000
500
300
100
50
30
10
5
3
1
0.6
1.0
1.4
1.8
2.2
2.6
IF– VF
Forward voltage VF (V)
100
0.1
0.6
50
5
1
0.5
0.8
1.2
30
10
3
0.3
1.0
1.4
1.6
1.8
Ta = 25°C


Similar Part No. - TLP666G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP666GF TOSHIBA-TLP666GF Datasheet
103Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Similar Description - TLP666G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP160G TOSHIBA-TLP160G_07 Datasheet
188Kb / 6P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP161G TOSHIBA-TLP161G_07 Datasheet
190Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
TLP165J TOSHIBA-TLP165J_07 Datasheet
175Kb / 4P
   Photocoupler GaAs Ired & Photo-Triac
TLP160 TOSHIBA-TLP160 Datasheet
257Kb / 5P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com