Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP666G Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP666G
Description  Photocoupler GaAs Ired & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP666G Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP666G Datasheet HTML 1Page - Toshiba Semiconductor TLP666G Datasheet HTML 2Page - Toshiba Semiconductor TLP666G Datasheet HTML 3Page - Toshiba Semiconductor TLP666G Datasheet HTML 4Page - Toshiba Semiconductor TLP666G Datasheet HTML 5Page - Toshiba Semiconductor TLP666G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP666G
2002-09-25
5
Normalized IDRM – Ta
Ambient temperature Ta (°C)
VDRM = Rated
103
102
100
100
0
20
40
60
80
100
Normalized VIH – Ta
Ambient temperature Ta (°C)
IF = Rated IFT
3
2
1.2
1
0.5
0.3
0.1
-40
-20
0
20
60
80
40
100
Normalized IIH – Ta
Ambient temperature Ta (°C)
IF = Rated IFT
VT = Rated VDRM
3
2
1.2
1
0.5
0.3
0.1
-40
-20
0
20
40
60
80
100
Normalized IFT – Ta
Ambient temperature Ta (°C)
3
2
1.2
1
0.5
0.3
0.1
-40
-20
0
20
40
60
80
100
VT = 3 V
Normalized IH – Ta
Ambient temperature Ta (°C)
0
3
2
1.2
1
0.5
0.3
0.1
-40
-20
20
40
60
80
100
Normalized VDRM – Ta
Ambient temperature Ta (°C)
-40
-20
0
20
40
60
80
100
1.4
1.2
1.0
0.8
0.6
0.4
0.2


Similar Part No. - TLP666G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP666GF TOSHIBA-TLP666GF Datasheet
103Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Similar Description - TLP666G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP160G TOSHIBA-TLP160G_07 Datasheet
188Kb / 6P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP161G TOSHIBA-TLP161G_07 Datasheet
190Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
TLP165J TOSHIBA-TLP165J_07 Datasheet
175Kb / 4P
   Photocoupler GaAs Ired & Photo-Triac
TLP160 TOSHIBA-TLP160 Datasheet
257Kb / 5P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com