Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT8376EPF Datasheet(PDF) 105 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 105 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 101Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 102Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 103Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 104Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 105Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 106Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 107Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 108Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 109Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.9 Transmit Line Interface Unit
N8370DSE
Conexant
2-77
2.9.2.2 Output Jitter
The maximum output jitter generated on XTIP/XRING dependents on the
transmit clock source selected. Refer to CLAD and JAT descriptions.
2.9.3 Line Build Out
In the Bt8370 long haul device, three LBO filter networks can be enabled in the
TLIU to attenuate XTIP/XRING outputs in 7.5 dB steps, per the signal transfer
function defined by FCC Part 68 Regulations. (See LBO[1:0] in TLIU_CR.) The
number of LBO filters selected is based on the attached cable length. For short
line lengths, larger LBO attenuation prevents far-end crosstalk. For longer line
lengths, the appropriate line build-out must be selected. The following equation
lists the transfer function for each of the 7.5 dB LBO filters:
where:
V
out
V
in
----------
n
2S
2
n
1Sn0
++
d
3S
3
d
2S
2
d
1Sd0
++
+
---------------------------------------------------------
=
n
0
1.6049
10
6
×
=
n
1
7.9861
10
1
–
×
=
n
2
9.2404
10
8
–
×
=
d
0
2.1612
10
+6
×
=
d
1
1.7223
=
d
2
4.575
10
7
–
×
=
d
3
3.8307
10
14
–
×
=
Sj2
πf
=
f
frequency Hz
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com