Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12CE673-10/JM Datasheet(PDF) 111 Page - Microchip Technology

Part # PIC12CE673-10/JM
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-10/JM Datasheet(HTML) 111 Page - Microchip Technology

Back Button PIC12CE673-10/JM Datasheet HTML 107Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 108Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 109Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 110Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 111Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 112Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 113Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 114Page - Microchip Technology PIC12CE673-10/JM Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 129 page
background image
© 1999 Microchip Technology Inc.
DS30561B-page 111
PIC12C67X
FIGURE 13-5: IOH vs. VOH, VDD = 3.5 V
FIGURE 13-6: IOH vs. VOH, VDD = 5.5 V
VOH (Volts)
1.5
2.0
2.5
3.0
3.5
0
-5
-10
-15
-20
-25
Min +125
°C
Min +85
°C
Typ +25
°C
Max -40
°C
3.5
4.0
4.5
VOH (Volts)
5.0
5.5
0
-5
-10
-15
-20
-25
-30
Mi
n +
12
C
Ty
p
+2
C
M
in
+8
C
-35
-40
FIGURE 13-7: IOL vs. VOL, VDD = 2.5 V
FIGURE 13-8: IOL vs. VOL, VDD = 3.5 V
Min +125
°C
Min +85
°C
Typ +25
°C
Max -40
°C
25
20
15
10
5
0
0.5
0.75
1.0
VOL (Volts)
0
30
35
0.25
Min +125
°C
Min +85
°C
Typ +25
°C
Max -40
°C
30
25
20
15
10
0
0.5
0.75
1.0
VOL (Volts)
0
35
40
0.25
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com