Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OX-046 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # OX-046
Description  VHF low g-Sensitivity Oven Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-046 Datasheet(HTML) 3 Page - Vectron International, Inc

  OX-046 Datasheet HTML 1Page - Vectron International, Inc OX-046 Datasheet HTML 2Page - Vectron International, Inc OX-046 Datasheet HTML 3Page - Vectron International, Inc OX-046 Datasheet HTML 4Page - Vectron International, Inc OX-046 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Parameter
Min
Typ
Max
Units
Condition
Additional Parameters1
Weight
150
g
Absolute Maximum Ratings
Supply voltage (Vs)
28
V
Output Load
25
open
ohm
Operable Temperature Range
-55
+85
°C
Environmental Specifications
Shock (Operating)
MIL-STD-202, Method 213, Condition J, 30G, 11ms, half sine
Shock (Endurance)
Mil-STD-202, Method 213, Condition C, 100G, 6ms, half sine
Sine Vibration (Operating)
Mil-STD-202, Method 204, Condition C, 10 G
Sine Vibration (Endurance)
Mil-STD-202, Method 204, Condition D, 20 G
Random Vibration (Operating)
Mil-STD-202, Method 214, Condition I-C, 9.26 Grms, 3-5min/axis (without vibe comp)
Mil-STD-202, Method 214, Condition I-A, 5.35 Grms, 3-5min/axis (with vibe comp)
Random Vibration (Endurance)
Mil-STD-202, Method 214, Condition I-D, 11.95 Grms, 3hrs/axis
Seal
Nonhermetic - Mil-STD-202, Method 112, Condition D available only as custom part
number - please contact factory
Humidity
MIL-STD-202, Method 103, Condition B, 90% rh
Altitude
MIL-STD-202, Method 105, sea level to 30,000 ft
Resistance to Soldering Heat
MIL-STD-202, Method 210, Condition A,B,C
RoHS
not RoHS compliant
Terminal Strength
MIL-STD-202, Method 211, Condition C (5 bends at 45o, 2 lbs)
Moisture Sensitivity Level
1
Storage Temperature Range
-55
+125
°C
Vectron International • 267 Lowell Road, Unit 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com


Similar Part No. - OX-046

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-046 VECTRON-OX-046_14 Datasheet
705Kb / 5P
VHF low g-Sensitivity Oven Controlled Crystal Oscillator
More results

Similar Description - OX-046

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-046 VECTRON-OX-046_14 Datasheet
705Kb / 5P
VHF low g-Sensitivity Oven Controlled Crystal Oscillator
OX-080 VECTRON-OX-080 Datasheet
652Kb / 5P
Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-043 VECTRON-OX-043_14 Datasheet
705Kb / 6P
Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-080 VECTRON-OX-080_14 Datasheet
721Kb / 5P
Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-043 VECTRON-OX-043_17 Datasheet
828Kb / 6P
Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-990 VECTRON-OX-990 Datasheet
667Kb / 8P
Oven Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
OX-990 VECTRON-OX-990_14 Datasheet
752Kb / 8P
Oven Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
VX-508 VECTRON-VX-508 Datasheet
234Kb / 6P
Voltage Controlled Crystal Oscillator Low G-Sensitivity
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com