Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSBB20CH60 Datasheet(PDF) 1 Page - Etron Technology, Inc.

Part # FSBB20CH60
Description  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

FSBB20CH60 Datasheet(HTML) 1 Page - Etron Technology, Inc.

  FSBB20CH60 Datasheet HTML 1Page - Etron Technology, Inc. FSBB20CH60 Datasheet HTML 2Page - Etron Technology, Inc. FSBB20CH60 Datasheet HTML 3Page - Etron Technology, Inc. FSBB20CH60 Datasheet HTML 4Page - Etron Technology, Inc. FSBB20CH60 Datasheet HTML 5Page - Etron Technology, Inc. FSBB20CH60 Datasheet HTML 6Page - Etron Technology, Inc. FSBB20CH60 Datasheet HTML 7Page - Etron Technology, Inc. FSBB20CH60 Datasheet HTML 8Page - Etron Technology, Inc. FSBB20CH60 Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSBB20CH60 Rev. C
April 2005
SPMTM
FSBB20CH60
Smart Power Module
Features
• UL Certified No.E209204(SPM27-CA package)
• Very low thermal resistance due to using DBC
• 600V-20A 3-phase IGBT inverter bridge including control ICs
for gate driving and protection
• Divided negative dc-link terminals for inverter current sensing
applications
• Single-grounded power supply due to built-in HVIC
• Isolation rating of 2500Vrms/min.
Applications
• AC 100V ~ 253V three-phase inverter drive for small power
ac motor drives
• Home appliances applications like air conditioner and wash-
ing machine.
General Description
It is an advanced smart power module (SPMTM) that Fairchild
has newly developed and designed to provide very compact
and high performance ac motor drives mainly targeting low-
power inverter-driven application like air conditioner and wash-
ing machine. It combines optimized circuit protection and drive
matched to low-loss IGBTs. System reliability is further
enhanced by the integrated under-voltage lock-out and short-
circuit protection. The high speed built-in HVIC provides opto-
coupler-less single-supply IGBT gate driving capability that fur-
ther reduce the overall size of the inverter system design. Each
phase current of inverter can be monitored separately due to
the divided negative dc terminals.
26.8mm
44mm
Top View
Bottom View
26.8mm
44mm
Top View
Bottom View
Figure 1.


Similar Part No. - FSBB20CH60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBB20CH60 FAIRCHILD-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
FSBB20CH60 FAIRCHILD-FSBB20CH60 Datasheet
588Kb / 14P
   Motion SPM짰 3 Series
FSBB20CH60BT FAIRCHILD-FSBB20CH60BT Datasheet
414Kb / 17P
   Smart Power Module
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
470Kb / 17P
   Smart Power Module
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
698Kb / 17P
   Smart Power Module
More results

Similar Description - FSBB20CH60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com