Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ2918 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ2918
Description  4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2918 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ2918 Datasheet HTML 1Page - Monolithic Power Systems MPQ2918 Datasheet HTML 2Page - Monolithic Power Systems MPQ2918 Datasheet HTML 3Page - Monolithic Power Systems MPQ2918 Datasheet HTML 4Page - Monolithic Power Systems MPQ2918 Datasheet HTML 5Page - Monolithic Power Systems MPQ2918 Datasheet HTML 6Page - Monolithic Power Systems MPQ2918 Datasheet HTML 7Page - Monolithic Power Systems MPQ2918 Datasheet HTML 8Page - Monolithic Power Systems MPQ2918 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MPQ2918 – 4V - 40V, CURRENT MODE, SYNC, STEP-DOWN CONTROLLER
MPQ2918 Rev. 1.01
www.MonolithicPower.com
3
8/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TOP MARKING (MPQ2918GLE-AEC1)
MP: MPS prefix
Y: Year code
W: Week code
2918: Product code of MPQ2918GLE-AEC1
LLL: Lot number
E: Wettable lead flank
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
SYNCO
VCC1
VCC2
COMP
FB
SS
SGND
BG
PGND
SW
SENSE+
SENSE-
MPQ2918
1
2
3
4
5
6
16
15
14
13
12
11
TSSOP-20 EP
QFN-20 (3mmx4mm)


Similar Part No. - MPQ2918

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPQ2906 MOTOROLA-MPQ2906 Datasheet
211Kb / 5P
   QUAD SWITCHING TRANSISTOR
logo
Central Semiconductor C...
MPQ2906 CENTRAL-MPQ2906 Datasheet
417Kb / 2P
   PNP SILICON QUAD TRANSISTOR
MPQ2906 CENTRAL-MPQ2906 Datasheet
417Kb / 2P
   PNP SILICON QUAD TRANSISTOR
MPQ2906 CENTRAL-MPQ2906_15 Datasheet
417Kb / 2P
   PNP SILICON QUAD TRANSISTOR
MPQ2907 CENTRAL-MPQ2907 Datasheet
137Kb / 1P
   QUAD TRANSISTORS
More results

Similar Description - MPQ2918

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2908A MPS-MPQ2908A Datasheet
1Mb / 30P
   4V - 60V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
MP2918 MPS-MP2918 Datasheet
1Mb / 30P
   4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
MP9928 MPS-MP9928 Datasheet
1Mb / 25P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
MPQ4569-AEC1 MPS-MPQ4569-AEC1 Datasheet
1Mb / 17P
   75V, 0.3A Synchronous Step-Down Converter AEC-Q100 Qualified
logo
Exar Corporation
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
   AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
XR76203-Q EXAR-XR76203-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
logo
Monolithic Power System...
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
   36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
   36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com