Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ2918 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ2918
Description  4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2918 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ2918 Datasheet HTML 1Page - Monolithic Power Systems MPQ2918 Datasheet HTML 2Page - Monolithic Power Systems MPQ2918 Datasheet HTML 3Page - Monolithic Power Systems MPQ2918 Datasheet HTML 4Page - Monolithic Power Systems MPQ2918 Datasheet HTML 5Page - Monolithic Power Systems MPQ2918 Datasheet HTML 6Page - Monolithic Power Systems MPQ2918 Datasheet HTML 7Page - Monolithic Power Systems MPQ2918 Datasheet HTML 8Page - Monolithic Power Systems MPQ2918 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MPQ2918 – 4V - 40V, CURRENT MODE, SYNC, STEP-DOWN CONTROLLER
MPQ2918 Rev. 1.01
www.MonolithicPower.com
4
8/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Input supply voltage (VIN)............................. 65V
BST supply voltage (VBST).................. VIN + 6.5V
SW ..................................................-0.3V to 65V
EN/SYNC..................................................... 55V
BST - SW.................................................... 6.5V
Supply voltage (VCC1) ............................... 6.5V
External supply voltage (VCC2)................... 15V
SENSE + / - ................................................. 28V
Differential sense (SENSE+ to SENSE-) ............
.....................................................-0.7V to +0.7V
TG...............................VSW - 0.3V to VBST + 0.3V
BG ................................... -0.3V to VCC1 + 0.3V
All other pins ................................-0.3V to +6.5V
Continuous power dissipation (TA = +25°C)
(2)
TSSOP-20 EP............................................ 3.1W
QFN-20 (3mmx4mm)................................. 2.6W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature................ -65°C to +175°C
Recommended Operating Conditions
Supply voltage (VIN) ............................4V to 40V
Output voltage (VOUT)................................. ≤25V
Supply voltage for (VCC2) ...............4.7V to 12V
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(3)
θJA
θJC
TSSOP-20 EP ........................ 40 ....... 8.... °C/W
QFN-20 (3mmx4mm).............. 48 ...... 10... °C/W
NOTES:
1) Absolute maximum are rated under room temperature unless
otherwise noted. Exceeding these ratings may damage the
device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Measured on JESD51-7, 4-layer PCB.


Similar Part No. - MPQ2918

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPQ2906 MOTOROLA-MPQ2906 Datasheet
211Kb / 5P
   QUAD SWITCHING TRANSISTOR
logo
Central Semiconductor C...
MPQ2906 CENTRAL-MPQ2906 Datasheet
417Kb / 2P
   PNP SILICON QUAD TRANSISTOR
MPQ2906 CENTRAL-MPQ2906 Datasheet
417Kb / 2P
   PNP SILICON QUAD TRANSISTOR
MPQ2906 CENTRAL-MPQ2906_15 Datasheet
417Kb / 2P
   PNP SILICON QUAD TRANSISTOR
MPQ2907 CENTRAL-MPQ2907 Datasheet
137Kb / 1P
   QUAD TRANSISTORS
More results

Similar Description - MPQ2918

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2908A MPS-MPQ2908A Datasheet
1Mb / 30P
   4V - 60V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
MP2918 MPS-MP2918 Datasheet
1Mb / 30P
   4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
MP9928 MPS-MP9928 Datasheet
1Mb / 25P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
MPQ4569-AEC1 MPS-MPQ4569-AEC1 Datasheet
1Mb / 17P
   75V, 0.3A Synchronous Step-Down Converter AEC-Q100 Qualified
logo
Exar Corporation
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
   AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
XR76203-Q EXAR-XR76203-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
logo
Monolithic Power System...
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
   36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
   36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com