Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ4431 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ4431
Description  36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4431 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ4431 Datasheet HTML 1Page - Monolithic Power Systems MPQ4431 Datasheet HTML 2Page - Monolithic Power Systems MPQ4431 Datasheet HTML 3Page - Monolithic Power Systems MPQ4431 Datasheet HTML 4Page - Monolithic Power Systems MPQ4431 Datasheet HTML 5Page - Monolithic Power Systems MPQ4431 Datasheet HTML 6Page - Monolithic Power Systems MPQ4431 Datasheet HTML 7Page - Monolithic Power Systems MPQ4431 Datasheet HTML 8Page - Monolithic Power Systems MPQ4431 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MPQ4431
– 36V, 1A, LOW IQ, SYNC, STEP-DOWN CONVERTER, AEC-Q100
MPQ4431 Rev. 1.0
www.MonolithicPower.com
4
3/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2V, TJ = -40°C to +125°C, unless otherwise noted. Typical values at TJ = +25°C.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VIN quiescent current
IQ
VFB = 0.85V, no load, no
switching, TJ = +25°C
10
18
µA
VFB = 0.85V, no load, no
switching,
25
µA
VIN shutdown current
ISHDN
VEN = 0V
1
5
µA
VIN under-voltage lockout
threshold rising
INUVRISING
2.4
2.8
3.2
V
VIN under-voltage lockout
threshold hysteresis
INUVHYS
150
mV
Feedback reference voltage
VREF
784
800
816
mV
TJ = 25°C
792
800
808
mV
Switching frequency
FSW
RFREQ = 180k
Ω or from sync
clock
400
475
550
kHz
RFREQ = 82k
Ω or from sync clock
850
1000
1150
kHz
RFREQ = 27k
Ω or from sync clock
2250
2500
2750
kHz
Minimum on time (4)
TON_MIN
80
ns
SYNC input low voltage
VSYNC_LOW
0.4
V
SYNC input high voltage
VSYNC_HIGH
1.8
V
Current limit
ILIMIT_HS
Duty cycle = 40%
2.1
2.5
2.9
A
Low-side valley current limit
ILIMIT_LS
VOUT = 3.3V, L = 4.7µH
1.1
1.35
1.6
A
ZCD current
IZCD
50
mA
Reverse current limit
ILIMIT_REVERSE
1.5
A
Switch leakage current
ISW_LKG
0.01
1
µA
HS switch on resistance
RON_HS
VBST - VSW = 5V
90
155
m
Ω
LS switch on resistance
RON_LS
80
145
Soft-start current
ISS
VSS = 0.8V
5
10
15
µA
EN rising threshold
VEN_RISING
0.9
1.05
1.2
V
EN threshold hysteresis
VEN_HYS
120
mV
PG rising threshold (VFB/VREF)
PGRISING
VFB rising
85
90
95
%
VFB falling
105
110
115
PG falling threshold (VFB/VREF)
PGFALLING
VFB falling
79
84
89
%
VFB rising
113.5
118.5
123.5
%
PG deglitch timer
TPG_DEGLITCH
PG from low to high
30
µs
PG from high to low
50
µs
PG output voltage low
VPG_LOW
ISINK = 2mA
0.2
0.4
V
VCC regulator
VCC
5
V
VCC load regulation
ICC = 5mA
3
%
Thermal shutdown (4)
TSD
170
°C
Thermal shutdown hysteresis (4)
TSD_HYS
20
°C
NOTE:
4)
Not tested in production, guaranteed by design and characterization.


Similar Part No. - MPQ4431

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
   36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4430GL MPS-MPQ4430GL Datasheet
2Mb / 30P
   36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4430GL-AEC1 MPS-MPQ4430GL-AEC1 Datasheet
2Mb / 30P
   36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4430GLE-AEC1 MPS-MPQ4430GLE-AEC1 Datasheet
2Mb / 30P
   36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
   36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
More results

Similar Description - MPQ4431

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
   36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
   36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
   36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
   36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
logo
MPS Industries, Inc.
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
   36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
logo
Monolithic Power System...
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
   High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4420A MPS-MPQ4420A Datasheet
1Mb / 20P
   2A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com