Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4229 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4229
Description  Single Ideal Diode and Hot Swap Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4229 Datasheet(HTML) 5 Page - Linear Technology

  LTC4229 Datasheet HTML 1Page - Linear Technology LTC4229 Datasheet HTML 2Page - Linear Technology LTC4229 Datasheet HTML 3Page - Linear Technology LTC4229 Datasheet HTML 4Page - Linear Technology LTC4229 Datasheet HTML 5Page - Linear Technology LTC4229 Datasheet HTML 6Page - Linear Technology LTC4229 Datasheet HTML 7Page - Linear Technology LTC4229 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
dc2060af
DEMO MANUAL DC2060A
Quick start proceDure
Figure 1. DC2060A Measurement Setup
1. Connect a 12V power supply to the board input turrets
IN and GND. Do not load the output. Use the current
probe to monitor current into the wire between the 12V
supply and board turret. Place the voltage probes on
the OUT turret.
Provide the EN signal by changing the shunt position
of JP7 and observe the transient. The output voltage
rise time should be in the range of 9.2ms to 19ms. The
PWRGD green LED (D5) should light up. Turn off the
rail with JP7.
2. Initiallyadjusttheelectronicloadto2.0Ωto2.5Ω(inthe
constantresistivemode)andconnectittotheboardOUT
and GND turrets. Turn on the rail and slowly increase
the load current up to the circuit breaker threshold level.
The current limit range should be from 8.9A to 11.2A.
Reset the controller by turning off the rail voltage.
3. Short the output to ground with a wire. Place the cur-
rent probe on this wire. Turn on the rail and record the
current shape. The maximum current should be in the
2.4A to 4.3A range while the fault timer capacitor is
ramping from 0.9ms to 1.8ms. After a fault, the Hot
SwapMOSFETwillbeoffapproximately50timeslonger.
Ideal Diode Functionality Test
An additional 12V regulated power supply and a Schottky
diode are needed for this test.
Connect the positive terminal of this supply through the
Schottky diode to the DC2060A SENSE+ jack and the
negative terminal to GND. Place a voltmeter between the
IN and SENSE+ turrets to measure the difference between
the two input voltages. Activate both rails and keep a load
of around 1A to 3A. Adjust the input voltage levels and
verify that when the difference between the input voltages
exceeds 65mV only one rail powers the load.


Similar Part No. - LTC4229

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4229 LINER-LTC4229 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4229 LINER-LTC4229 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4229 AD-LTC4229 Datasheet
1Mb / 22P
   Micropower Hot Swap Controller
logo
Linear Technology
LTC4229 LINER-LTC4229_15 Datasheet
413Kb / 28P
   Ideal Diode and Hot Swap Controller
More results

Similar Description - LTC4229

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4229 LINER-LTC4229_15 Datasheet
413Kb / 28P
   Ideal Diode and Hot Swap Controller
LTC4227 LINER-LTC4227_15 Datasheet
695Kb / 22P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4227-1 LINER-LTC4227-1 Datasheet
250Kb / 8P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4228-2 LINER-LTC4228-2_15 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4225-1 LINER-LTC4225-1_15 Datasheet
351Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4225-2 LINER-LTC4225-2_15 Datasheet
351Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1_15 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com