Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25713
Description  I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25713 Datasheet(HTML) 1 Page - Texas Instruments

  BQ25713 Datasheet HTML 1Page - Texas Instruments BQ25713 Datasheet HTML 2Page - Texas Instruments BQ25713 Datasheet HTML 3Page - Texas Instruments BQ25713 Datasheet HTML 4Page - Texas Instruments BQ25713 Datasheet HTML 5Page - Texas Instruments BQ25713 Datasheet HTML 6Page - Texas Instruments BQ25713 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BQ25713
ACN
VBUS
HIDRV1
SRN
VSYS
BATT
(1S-4S)
BTST1BTST2
LODRV1
SW1
SW2
LODRV2
HIDRV2
SRP
/BATDRV
ACP
SYS
Host
(703A I2C)
Q1
Q2
Q3
Q4
Adapter
3.5V ± 24V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
BQ25713
SLUSDD7 – JUNE 2018
BQ25713 I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power
Monitor and Processor Hot Monitor
1
1 Features
1
• Pin-to-Pin And Software Compatible with
BQ25703A
Charge 1- to 4-Cell Battery From Wide Range of
Input Sources
3.5-V to 24-V Input Operating Voltage
Supports USB2.0, USB 3.0, USB 3.1 (Type C),
and USB Power Delivery (USB-PD) Input
Current Settings
Seamless Transition Among Buck, Buck-Boost
and Boost Operations
Input Current and Voltage Regulation (IDPM
and VDPM) Against Source Overload
Power/Current Monitor for CPU Throttling
Comprehensive PROCHOT Profile,
IMVP8/IMVP9 Compliant
Input and Battery Current Monitor
System Power Monitor, IMVP8/IMVP9
Compliant
Narrow-VDC (NVDC) Power Path Management
Instant-On With No Battery or Deeply
Discharged Battery
Battery Supplements System When Adapter is
Fully-Loaded
Battery MOSFET Ideal Diode Operation in
Supplement Mode
Power Up USB Port From Battery (USB OTG)
3-V to 20.8-V OTG Output Voltage With 8 mV
Resolution
Output Current Limit up to 6.4 A with 50 mA
Resolution
Input Current Optimizer (ICO) to Extract Max Input
Power
800-kHz or 1.2-MHz Programmable Switching
Frequency for 2.2-µH or 1.0-µH Inductor
Host Control Interface for Flexible System
Configuration
I2C (BQ25713) Port for Optimal System
Performance and Status Reporting
Hardware Pin to Set Input Current Limit
Without EC Control
Integrated ADC to Monitor Voltage, Current and
Power
High Accuracy for the Regulation and Monitor
±0.5% Charge Voltage Regulation
±2% Input/Charge Current Regulation
±2% Input/Charge Current Monitor
±3% Power Monitor
Safety
Thermal Shutdown
Input, System, Battery Overvoltage Protection
Input, MOSFET, Inductor Overcurrent
Protection
Low Battery Quiescent Current
Package: 32-Pin 4 × 4 WQFN
2 Applications
Drones, Bluetooth Speakers, IP Cameras,
Detachable, Tablet PCs and Power Bank
Industrial and Medical Equipment
Portable Equipment With Rechargeable Batteries
3 Description
The BQ25713 is a synchronous NVDC buck-boost
battery charge controller, offering a low component
count, high efficiency solution for space-constrained,
1-cell to 4-cell battery charging applications.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
BQ25713
WQFN (32)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Application Diagram


Similar Part No. - BQ25713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25713 TI1-BQ25713 Datasheet
1Mb / 91P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713 Datasheet
2Mb / 144P
[Old version datasheet]   BQ25773 40V, I2C, 2- to 5-Cell, Narrow VDC Quasi Dual Phase Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
SEPTEMBER 2024
BQ25713B TI1-BQ25713B Datasheet
1Mb / 91P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713BRSNR TI1-BQ25713BRSNR Datasheet
1Mb / 91P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713BRSNT TI1-BQ25713BRSNT Datasheet
1Mb / 91P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
More results

Similar Description - BQ25713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25713 TI1-BQ25713_18 Datasheet
1Mb / 91P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25710 TI1-BQ25710 Datasheet
1Mb / 88P
[Old version datasheet]   SMBus Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25723 TI-BQ25723 Datasheet
3Mb / 108P
[Old version datasheet]   BQ25723 I2C 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25720 TI-BQ25720 Datasheet
3Mb / 106P
[Old version datasheet]   BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25708 TI1-BQ25708 Datasheet
1Mb / 77P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ24770 TI-BQ24770_15 Datasheet
794Kb / 11P
[Old version datasheet]   bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
BQ24773 TI-BQ24773_15 Datasheet
794Kb / 11P
[Old version datasheet]   bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com