Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59534 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL59534
Description  32x16 Video Crosspoint
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL59534 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL59534 Datasheet HTML 1Page - Renesas Technology Corp ISL59534 Datasheet HTML 2Page - Renesas Technology Corp ISL59534 Datasheet HTML 3Page - Renesas Technology Corp ISL59534 Datasheet HTML 4Page - Renesas Technology Corp ISL59534 Datasheet HTML 5Page - Renesas Technology Corp ISL59534 Datasheet HTML 6Page - Renesas Technology Corp ISL59534 Datasheet HTML 7Page - Renesas Technology Corp ISL59534 Datasheet HTML 8Page - Renesas Technology Corp ISL59534 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ISL59534
FN6249 Rev X.00
Page 5 of 22
Oct 10, 2011
VOVER0
V10
Overlay Video Input
VOVER1
V12
Overlay Video Input
VOVER2
V14
Overlay Video Input
VOVER3
V16
Overlay Video Input
VOVER4
V18
Overlay Video Input
VOVER5
T18
Overlay Video Input
VOVER6
P18
Overlay Video Input
VOVER7
M18
Overlay Video Input
VOVER8
K18
Overlay Video Input
VOVER9
H18
Overlay Video Input
VOVER10
F18
Overlay Video Input
VOVER11
D18
Overlay Video Input
VOVER12
C17
Overlay Video Input
VOVER13
C15
Overlay Video Input
VOVER14
C13
Overlay Video Input
VOVER15
C11
Overlay Video Input
VREF
M3
DC-restore clamp reference input. In an
AC-coupled configuration (DC-Restore
clamp enabled), the sync tip of
composite video inputs will be restored
to this level. Set to 0.3 to 0.7V for
optimum performance.
In an DC-coupled configuration
(DC-Restore clamp disabled), this pin
should be tied to ground.
Do not let the VREF pin float! A
floating VREF pin drifts high and, if the
clamp function is enabled, will cause all
of the outputs to simultaneously try to
drive ~4V DC into their 150
loads.
SLATCH
J3
Serial Latch. Serial data is latched into
ISL59534 on rising edge of SLATCH.
SCLK
K3
Serial data clock
SDI
L3
Serial data input
SDO
G3
Serial data output. Can be tied to SDI of
another ISL59534 to enable daisy-chain-
ing of multiple devices.
RESET
H3
Reset input. Pull high then low to reset
device, but not needed in normal
operation. Tie to ground in final applica-
tion.
VSDO
D3
Power supply for SDO pin. Tie to +5V
for a 0 to 5V SDO output signal swing.
VS
+5V power supply
Pin Descriptions (Continued)
NAME
NUMBER
DESCRIPTION
GND
Ground
NC
No Connect - Do not electrically con-
nect to anything, including ground
.
Pin Descriptions (Continued)
NAME
NUMBER
DESCRIPTION


Similar Part No. - ISL59534

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59534 INTERSIL-ISL59534 Datasheet
1Mb / 22P
32x16 Video Crosspoint
ISL59534 INTERSIL-ISL59534 Datasheet
1Mb / 22P
32x16 Video Crosspoint
ISL59534IKEZ INTERSIL-ISL59534IKEZ Datasheet
1Mb / 22P
32x16 Video Crosspoint
ISL59534IKEZ INTERSIL-ISL59534IKEZ Datasheet
1Mb / 22P
32x16 Video Crosspoint
ISL59534_0708 INTERSIL-ISL59534_0708 Datasheet
1Mb / 22P
32x16 Video Crosspoint
More results

Similar Description - ISL59534

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
16x16 Video Crosspoint
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Intersil Corporation
ISL59534 INTERSIL-ISL59534 Datasheet
1Mb / 22P
32x16 Video Crosspoint
ISL59534_0708 INTERSIL-ISL59534_0708 Datasheet
1Mb / 22P
32x16 Video Crosspoint
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586_14 Datasheet
740Kb / 29P
32x16 Video Crosspoint Switch
logo
Analog Devices
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
Video Crosspoint Switches
REV. 0
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
Video Crosspoint Switch
REV. 0
logo
Texas Instruments
LMH6586 TI1-LMH6586 Datasheet
752Kb / 33P
LMH6586 32x16 Video Crosspoint Switch
logo
Analog Devices
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com