Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN2515 Datasheet(PDF) 9 Page - IK Semicon Co., Ltd

Part # IN2515
Description  STAND-ALONE CAN CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN2515 Datasheet(HTML) 9 Page - IK Semicon Co., Ltd

Back Button IN2515 Datasheet HTML 5Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 6Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 7Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 8Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 9Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 10Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 11Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 12Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 13Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
IN2515
9
2017, Nov, Rev. 01
AC PARAMETERS
Table5.
Parameter
Symbol
Value
Test Conditions
Unit
Min
Max
CAN- Interface
Wake-up noise filter
TWF
100
-
VCC = 5.5 V
ns
RESET pin low level duration
trl
2
-
Vcc = 2.7 V
s
IN2515AN, IN2515ADW
IN2515BN, IN2515BDW
Vcc = 4.5 V
SPI-interface
Clock frequency
FCLK
-
10
-
MHz
CS setup time
TCSS
50
-
-
ns
CS hold time
TCSH
50
-
-
ns
CS disable time
TCSD
50
-
-
ns
Data setup time (SI pin)
TSU
10
-
-
ns
Data hold time (SI pin)
THD
10
-
-
ns
Clock high time
THI
45
-
-
ns
Clock low time
TLO
45
-
-
ns
Clock delay time
TCLD
50
-
-
ns
Clock enable time
TCLE
50
-
-
ns
Output valid from clock low
TV
-
45
-
ns
Output hold time (SO pin)
THO
0
-
-
ns
Output disable time (SO pin)
TDIS
-
100
-
ns
Note: -
for IN2515ADW, IN2515AN
Тa from – 40 to + 85 °C,
-
for IN2515BDW, IN2515BN
Тa from – 40 to + 125 °C


Similar Part No. - IN2515

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
IN2 TGS-IN2 Datasheet
671Kb / 7P
   SEVEN DARLINGTON ARRAYS
logo
Laird Tech Smart Techno...
IN24-10 LSTD-IN24-10 Datasheet
337Kb / 1P
   Attractive housing
IN24-5RD LSTD-IN24-5RD Datasheet
348Kb / 1P
   Improved detent for better position stability
IN24-65-7 LSTD-IN24-65-7 Datasheet
598Kb / 2P
   Wall mount
IN24-65-8 LSTD-IN24-65-8 Datasheet
598Kb / 2P
   Wall mount
More results

Similar Description - IN2515

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SJA1000N NXP-SJA1000N Datasheet
226Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
82C200 PHILIPS-82C200 Datasheet
1Mb / 36P
   Stand-alone CAN-controller
November 1992
SJA1000 PHILIPS-SJA1000 Datasheet
234Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
PCA82C200 PHILIPS-PCA82C200 Datasheet
1Mb / 42P
   STAND-ALONE CAN-CONTROLLER
October 1990
logo
Microchip Technology
MCP2510-I MICROCHIP-MCP2510-I Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
   Stand-Alone CAN Controller With SPI??Interface
2005
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com