Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL4502 Datasheet(PDF) 4 Page - Texas Instruments

Part # HCPL4502
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HCPL4502 Datasheet(HTML) 4 Page - Texas Instruments

  HCPL4502 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 1 page
background image
6N135, 6N136, HCPL4502
OPTOCOUPLERS/OPTOISOLATORS
SOES022A – JULY 1986 – REVISED APRIL 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VCC = 5 V, IF = 16 mA, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
6N135
6N136, HCPL4502
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
BW
Bandwidth (– 3 dB)
RL = 100 Ω,
See Note 7
2
2
MHz
NOTE 7: Bandwidth is the range of frequencies within which the ac output voltage is not more than 3 dB below the low-frequency value.
switching characteristics at VCC = 5 V, IF = 16 mA, TA = 25°C
PARAMETER
TEST CONDITIONS
6N135
6N136, HCPL4502
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
t
†
Propagation delay
time low to high
RL = 4.1 kΩ,
See Figure 1
See Note 8,
1
1.5
µs
tPLH†
time, low-to-high-
level output
RL = 1.9 kΩ,
See Figure 1
See Note 9,
0.6
0.8
µs
t
†
Propagation delay
time high to low
RL = 4.1 kΩ,
See Figure 1
See Note 8,
0.7
1.5
µs
tPHL†
time, high-to-low-
level output
RL = 1.9 kΩ,
See Figure 1
See Note 9,
0.6
0.8
µs
dV
CM
Common-mode
input transient
∆VCM = 10 V,
RL = 4.1 kΩ,
See Figure 2
IF = 0,
See Notes 8 and 10,
1000
V/
µs
CM
dt
(H)
immunity,
high-level output
∆VCM = 10 V,
RL = 1.9 kΩ,
See Figure 2
IF = 0,
See Notes 9 and 10,
1000
V/
µs
dV
CM
Common-mode
input transient
∆VCM = 10 V,
See Notes 9 and 10,
RL = 4.1 kΩ,
See Figure 2
1000
V/
µs
CM
dt
(L)
immunity,
low-level output
∆VCM = 10 V,
See Notes 9 and 10,
RL = 1.9 kΩ,
See Figure 2
1000
V/
µs
† JEDEC registered data for 6N135 and 6N136
NOTES:
8. The 4.1-k
Ω load represents one LSTTL unit load of 0.36 mA and a 6.1-kΩ pullup resistor.
9. The 1.9-k
Ω load represents one TTL unit load of 1.6 mA and a 5.6-kΩ pullup resistor.
10. Common-mode transient immunity, high-level output, is the maximum rate of rise of the common-mode input voltage that does not
cause the output voltage to drop below 2 V. Common-mode input transient immunity, low-level output, is the maximum rate of fall
of the common-mode input voltage that does not cause the output voltage to rise above 0.8 V.



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com