Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL4502 Datasheet(PDF) 8 Page - Texas Instruments

Part # HCPL4502
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HCPL4502 Datasheet(HTML) 8 Page - Texas Instruments

  HCPL4502 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 1 page
background image
6N135, 6N136, HCPL4502
OPTOCOUPLERS/OPTOISOLATORS
SOES022A – JULY 1986 – REVISED APRIL 1998
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
1
0.4
0.1
HIGH-LEVEL OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
10,000
10
4
100
40
1000
400
4000
– 75
– 50
–2 5
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VCC = 5 V
VO = 5 V
IF = 0
Figure 8
15
10
5
0
05
10
20
25
DIFFERENTIAL CURRENT TRANSFER RATIO
vs
INPUT-DIODE QUIESCENT FORWARD CURRENT
30
15
20
IF – Input-Diode Quiescent Forward Current – mA
VCC = 5 V
VO = 0.4 V
TA = 25°C
6N136
HCPL4502
6N135
Figure 9
0.1
0.2
0.7 1
2
4
10
f – Frequency – MHz
FREQUENCY RESPONSE (NORMALIZED)
vs
FREQUENCY
0
–5
–10
–15
–20
–25
–30
0.4
7
RL = 100 Ω
RL = 220 Ω
RL = 470 Ω
RL = 1 kΩ
IF = 16 mA
TA = 25°C
Figure 10
0.8
0.6
0.5
0.4
1
1.1
PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
1.2
0.9
0.7
– 60
– 40
– 20
0
20
40
60
80
100
TA – Free-Air Temperature – °C
VCC = 5 V
IF = 16 mA
RL = 4.1 kΩ for 6N135
RL = 1.9 kΩ for 6N136
6N135 tPLH
6N135 tPHL
6N136 tPHL
HCPL4502
6N136 tPLH
HCPL4502



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com