Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F300 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # C8051F300
Description  Mixed Signal ISP Flash MCU Family
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F300 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button C8051F300 Datasheet HTML 14Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 15Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 16Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 17Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 18Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 19Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 20Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 21Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 174 page
background image
C8051F300/1/2/3/4/5
18
Rev. 2.6
1.1.
CIP-51™ Microcontroller Core
1.1.1. Fully 8051 Compatible
The C8051F300/1/2/3/4/5 family utilizes Silicon Labs' proprietary CIP-51 microcontroller core. The CIP-51
is fully compatible with the MCS-51™ instruction set; standard 803x/805x assemblers and compilers can
be used to develop software. The CIP-51 core offers all the peripherals included with a standard 8052,
including two standard 16-bit counter/timers, one enhanced 16-bit counter/timer with external oscillator
input, a full-duplex UART with extended baud rate configuration, 256 bytes of internal RAM, 128 byte Spe-
cial Function Register (SFR) address space, and a byte-wide I/O Port.
1.1.2. Improved Throughput
The CIP-51 employs a pipelined architecture that greatly increases its instruction throughput over the stan-
dard 8051 architecture. In a standard 8051, all instructions except for MUL and DIV take 12 or 24 system
clock cycles to execute with a maximum system clock of 12 to 24 MHz. By contrast, the CIP-51 core exe-
cutes 70% of its instructions in one or two system clock cycles, with only four instructions taking more than
four system clock cycles.
The CIP-51 has a total of 109 instructions. The table below shows the total number of instructions that
require each execution time.
With the CIP-51's maximum system clock at 25 MHz, it has a peak throughput of 25 MIPS. Figure 1.3
shows a comparison of peak throughputs for various 8-bit microcontroller cores with their maximum sys-
tem clocks.
Figure 1.3. Comparison of Peak MCU Execution Speeds
Clocks to Execute
1
2
2/3
3
3/4
4
4/5
5
8
Number of Instructions
26
50
5
14
7
3
1
2
1
5
10
15
20
ADuC812
8051
(16MHz clk)
Philips
80C51
(33MHz clk)
Microchip
PIC17C75x
(33MHz clk)
Cygnal
CIP-51
(25MHz clk)
25


Similar Part No. - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F300-GM SILABS-C8051F300-GM Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300-GS SILABS-C8051F300-GS Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300_08 Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com