Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F300 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # C8051F300
Description  Mixed Signal ISP Flash MCU Family
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F300 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button C8051F300 Datasheet HTML 15Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 16Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 17Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 18Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 19Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 20Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 21Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 22Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 174 page
background image
C8051F300/1/2/3/4/5
Rev. 2.6
19
1.1.3. Additional Features
The C8051F300/1/2/3/4/5 SoC family includes several key enhancements to the CIP-51 core and periph-
erals to improve performance and ease of use in end applications.
The extended interrupt handler provides 12 interrupt sources into the CIP-51 (as opposed to 7 for the stan-
dard 8051), allowing numerous analog and digital peripherals to interrupt the controller. An interrupt driven
system requires less intervention by the MCU, giving it more effective throughput. The extra interrupt
sources are very useful when building multitasking, real-time systems.
Eight reset sources are available: power-on reset circuitry (POR), an on-chip VDD monitor (forces reset
when power supply voltage drops below 2.7 V), a Watchdog Timer, a Missing Clock Detector, a voltage
level detection from Comparator0, a forced software reset, an external reset pin, and an illegal Flash
read/write protection circuit. Each reset source except for the POR, Reset Input Pin, or Flash protection
may be disabled by the user in software. The WDT may be permanently enabled in software after a power-
on reset during MCU initialization.
The internal oscillator is available as a factory calibrated 24.5 MHz ±2% (C8051F300/1 devices); an uncal-
ibrated version is available on C8051F302/3/4/5 devices. On all C8051F300/1/2/3/4/5 devices, the internal
oscillator period may be user programmed in ~0.5% increments. An external oscillator drive circuit is also
included, allowing an external crystal, ceramic resonator, capacitor, RC, or CMOS clock source to generate
the system clock. If desired, the system clock source may be switched on-the-fly to the external oscillator
circuit. An external oscillator can be extremely useful in low power applications, allowing the MCU to run
from a slow (power saving) external crystal source, while periodically switching to the fast (up to 25 MHz)
internal oscillator as needed.
Figure 1.4. On-Chip Clock and Reset
PCA
WDT
Missing
Clock
Detector
(one-
shot)
(Software Reset)
System Reset
Reset
Funnel
P0.x
P0.y
EN
SWRSF
Internal
Oscillator
System
Clock
CIP-51
Microcontroller
Core
Extended Interrupt
Handler
Clock Select
EN
XTAL1
XTAL2
External
Oscillator
Drive
Illegal
FLASH
Operation
+
-
Comparator 0
C0RSEF
/RST
(wired-OR)
Power On
Reset
+
-
VDD
Supply
Monitor
Enable
'0'


Similar Part No. - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F300-GM SILABS-C8051F300-GM Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300-GS SILABS-C8051F300-GS Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300_08 Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com