Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F300 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # C8051F300
Description  Mixed Signal ISP Flash MCU Family
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F300 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button C8051F300 Datasheet HTML 17Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 18Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 19Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 20Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 21Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 22Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 23Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 24Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 174 page
background image
C8051F300/1/2/3/4/5
Rev. 2.6
21
1.3.
On-Chip Debug Circuitry
The C8051F300/1/2/3/4/5 devices include on-chip Silicon Labs 2-Wire (C2) debug circuitry that provides
non-intrusive, full-speed, in-circuit debugging of the production part installed in the end application.
Silicon Labs' debugging system supports inspection and modification of memory and registers, break-
points, and single stepping. No additional target RAM, program memory, timers, or communications chan-
nels are required. All the digital and analog peripherals are functional and work correctly while debugging.
All the peripherals (except for the ADC and SMBus) are stalled when the MCU is halted, during single
stepping, or at a breakpoint in order to keep them synchronized.
The C8051F300DK development kit provides all the hardware and software necessary to develop applica-
tion code and perform in-circuit debugging with the C8051F300/1/2/3/4/5 MCUs. The kit includes software
with a developer's studio and debugger, an integrated 8051 assembler, and a C2 debug adapter. It also
has a target application board with the associated MCU installed and large prototyping area, plus the nec-
essary communication cables and wall-mount power supply. The Development Kit requires a computer
with Windows® 98 SE or later. The Silicon Labs IDE interface is a vastly superior developing and debug-
ging configuration, compared to standard MCU emulators that use onboard "ICE Chips" and require the
MCU in the application board to be socketed. Silicon Labs' debug paradigm increases ease of use and
preserves the performance of the precision analog peripherals.
Figure 1.6. Development/In-System Debug Diagram
1.4.
Programmable Digital I/O and Crossbar
C8051F300/1/2/3/4/5 devices include a byte-wide I/O Port that behaves like a typical 8051 Port with a few
enhancements. Each Port pin may be configured as an analog input or a digital I/O pin. Pins selected as
digital I/Os may additionally be configured for push-pull or open-drain output. The “weak pull-ups” that are
fixed on typical 8051 devices may be globally disabled, providing power savings capabilities.
TARGET PCB
RS-232
VDD
GND
C2 (x2), VDD, GND
WINDOWS 98 SE or Later
Silicon Labs Integrated
Development Environment
C8051F300
Debug
Adapter


Similar Part No. - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F300-GM SILABS-C8051F300-GM Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300-GS SILABS-C8051F300-GS Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300_08 Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com