Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F300 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # C8051F300
Description  Mixed Signal ISP Flash MCU Family
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F300 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button C8051F300 Datasheet HTML 20Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 21Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 22Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 23Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 24Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 25Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 26Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 27Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 174 page
background image
C8051F300/1/2/3/4/5
24
Rev. 2.6
1.7.
8-Bit Analog to Digital Converter (C8051F300/2 Only)
The C8051F300/2 includes an on-chip 8-bit SAR ADC with a 10-channel differential input multiplexer and
programmable gain amplifier. With a maximum throughput of 500 ksps, the ADC offers true 8-bit accuracy
with an INL of ±1LSB. The ADC system includes a configurable analog multiplexer that selects both posi-
tive and negative ADC inputs. Each Port pin is available as an ADC input; additionally, the on-chip Temper-
ature Sensor output and the power supply voltage (VDD) are available as ADC inputs. User firmware may
shut down the ADC to save power.
The integrated programmable gain amplifier (PGA) amplifies the the ADC input by 0.5, 1, 2, or 4 as defined
by user software. The gain stage is especially useful when different ADC input channels have widely varied
input voltage signals, or when it is necessary to "zoom in" on a signal with a large DC offset.
Conversions can be started in five ways: a software command, an overflow of Timer 0, 1, or 2, or an exter-
nal convert start signal. This flexibility allows the start of conversion to be triggered by software events, a
periodic signal (timer overflows), or external HW signals. Conversion completions are indicated by a status
bit and an interrupt (if enabled). The resulting 8-bit data word is latched into an SFR upon completion of a
conversion.
Window compare registers for the ADC data can be configured to interrupt the controller when ADC data is
either within or outside of a specified range. The ADC can monitor a key voltage continuously in back-
ground mode, but not interrupt the controller unless the converted data is within/outside the specified
range.
Figure 1.10. 8-Bit ADC Block Diagram
X
VDD
8
9-to-1
AMUX
Temp
Sensor
10-to-1
AMUX
VDD
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
DGND
Programmable Gain
Amplifier
Start
Conversion
Window Compare
Logic
Window
Compare
Interrupt
+
-
Configuration, Control, and Data Registers
Analog Multiplexer
T0 Overflow
TMR2 Overflow
T1 Overflow
Software Write
External
Convert Start
8-Bit
SAR
ADC
End of
Conversion
Interrupt
ADC Data
Register


Similar Part No. - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F300-GM SILABS-C8051F300-GM Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300-GS SILABS-C8051F300-GS Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300_08 Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com