Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F300 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # C8051F300
Description  Mixed Signal ISP Flash MCU Family
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F300 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button C8051F300 Datasheet HTML 34Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 35Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 36Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 37Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 38Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 39Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 40Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 41Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 174 page
background image
C8051F300/1/2/3/4/5
38
Rev. 2.6
5.3.2. Tracking Modes
According to Table 5.1 on page 45, each ADC0 conversion must be preceded by a minimum tracking time
for the converted result to be accurate. The AD0TM bit in register ADC0CN controls the ADC0 track-and-
hold mode. In its default state, the ADC0 input is continuously tracked except when a conversion is in
progress. When the AD0TM bit is logic 1, ADC0 operates in low-power track-and-hold mode. In this mode,
each conversion is preceded by a tracking period of 3 SAR clocks (after the start-of-conversion signal).
When the CNVSTR signal is used to initiate conversions in low-power tracking mode, ADC0 tracks only
when CNVSTR is low; conversion begins on the rising edge of CNVSTR (see Figure 5.4). Tracking can
also be disabled (shutdown) when the device is in low power standby or sleep modes. Low-power track-
and-hold mode is also useful when AMUX or PGA settings are frequently changed, due to the settling time
requirements described in Section “5.3.3. Settling Time Requirements” on page 39.
Figure 5.4. 8-Bit ADC Track and Conversion Example Timing
Write '1' to AD0BUSY,
Timer 0, Timer 2, Timer 1 Overflow
(AD0CM[2:0]=000, 001, 010, 011)
AD0TM=1
Track
Convert
Low Power Mode
AD0TM=0
Track or
Convert
Convert
Track
Low Power
or Convert
SAR Clocks
123
456
789
10 11 12
123
456
789
SAR Clocks
B. ADC Timing for Internal Trigger Source
123
456
789
CNVSTR
(AD0CM[2:0]=1xx)
AD0TM=1
A. ADC Timing for External Trigger Source
SAR Clocks
Track or Convert
Convert
Track
AD0TM=0
Track
Convert
Low Power Mode
Low Power
or Convert


Similar Part No. - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F300-GM SILABS-C8051F300-GM Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300-GS SILABS-C8051F300-GS Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300_08 Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com