Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F300 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # C8051F300
Description  Mixed Signal ISP Flash MCU Family
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F300 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button C8051F300 Datasheet HTML 39Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 40Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 41Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 42Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 43Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 44Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 45Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 46Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 174 page
background image
C8051F300/1/2/3/4/5
Rev. 2.6
43
5.4.
Programmable Window Detector
The ADC Programmable Window Detector continuously compares the ADC0 output to user-programmed
limits, and notifies the system when a desired condition is detected. This is especially effective in an inter-
rupt-driven system, saving code space and CPU bandwidth while delivering faster system response times.
The window detector interrupt flag (AD0WINT in register ADC0CN) can also be used in polled mode. The
ADC0 Greater-Than (ADC0GT) and Less-Than (ADC0LT) registers hold the comparison values. Example
comparisons for Single-ended and Differential modes are shown in Figure 5.6 and Figure 5.7, respectively.
Notice that the window detector flag can be programmed to indicate when measured data is inside or out-
side of the user-programmed limits depending on the contents of the ADC0LT and ADC0GT registers.
5.4.1. Window Detector In Single-Ended Mode
Figure 5.6 shows two example window comparisons for Single-ended mode, with ADC0LT = 0x20 and
ADC0GT = 0x10. Notice that in Single-ended mode, the codes vary from 0 to VREF x (255/256) and are
represented as 8-bit unsigned integers. In the left example, an AD0WINT interrupt will be generated if the
ADC0 conversion word (ADC0) is within the range defined by ADC0GT and ADC0LT
(if 0x10
< ADC0 < 0x20). In the right example, and AD0WINT interrupt will be generated if ADC0 is outside
of the range defined by ADC0GT and ADC0LT (if ADC0
< 0x10 or ADC0 > 0x20).
Figure 5.6. ADC Window Compare Examples, Single-Ended Mode
0xFF
0x21
0x20
0x1F
0x11
0x10
0x0F
0x00
0
Input Voltage
(P0.x - GND)
REF x (255/256)
REF x (32/256)
REF x (16/256)
AD0WINT=1
AD0WINT
not affected
AD0WINT
not affected
ADC0LT
ADC0GT
0xFF
0x21
0x20
0x1F
0x11
0x10
0x0F
0x00
0
Input Voltage
(P0.x - GND)
REF x (255/256)
REF x (32/256)
REF x (16/256)
AD0WINT
not affected
ADC0GT
ADC0LT
AD0WINT=1
AD0WINT=1
ADC0
ADC0


Similar Part No. - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F300-GM SILABS-C8051F300-GM Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300-GS SILABS-C8051F300-GS Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300_08 Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com