Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F300 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # C8051F300
Description  Mixed Signal ISP Flash MCU Family
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F300 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button C8051F300 Datasheet HTML 40Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 41Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 42Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 43Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 44Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 45Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 46Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 47Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 174 page
background image
C8051F300/1/2/3/4/5
44
Rev. 2.6
5.4.2. Window Detector In Differential Mode
Figure 5.7 shows two example window comparisons for differential mode, with ADC0LT = 0x10 (+16d) and
ADC0GT = 0xFF (–1d). Notice that in Differential mode, the codes vary from –VREF to VREF x (127/128)
and are represented as 8-bit 2’s complement signed integers. In the left example, an AD0WINT interrupt
will be generated if the ADC0 conversion word (ADC0L) is within the range defined by ADC0GT and
ADC0LT (if 0xFF (–1d) < ADC0 < 0x10 (16d)). In the right example, an AD0WINT interrupt will be gener-
ated if ADC0 is outside of the range defined by ADC0GT and ADC0LT (if ADC0 < 0xFF (–1d) or ADC0 >
0x10 (+16d)).
Figure 5.7. ADC Window Compare Examples, Differential Mode
SFR Definition 5.5. ADC0GT: ADC0 Greater-Than Data Byte (C8051F300/2)
SFR Definition 5.6. ADC0LT: ADC0 Less-Than Data Byte (C8051F300/2)
0x7F (127d)
0x11 (17d)
0x10 (16d)
0x0F (15d)
0x00 (0d)
0xFF (-1d)
0xFE (-2d)
0x80 (-128d)
-REF
Input Voltage
(P0.x - P0.y)
REF x (127/128)
REF x (16/128)
REF x (-1/256)
0x7F (127d)
0x11 (17d)
0x10 (16d)
0x0F (15d)
0x00 (0d)
0xFF (-1d)
0xFE (-2d)
0x80 (-128d)
-REF
Input Voltage
(P0.x - P0.y)
REF x (127/128)
REF x (16/128)
REF x (-1/256)
AD0WINT=1
AD0WINT
not affected
AD0WINT
not affected
ADC0LT
ADC0GT
AD0WINT
not affected
ADC0GT
ADC0LT
AD0WINT=1
AD0WINT=1
ADC0
ADC0
Bits7–0: ADC0 Greater-Than Data Word.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
11111111
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xC4
Bits7–0: ADC0 Less-Than Data Word.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xC6


Similar Part No. - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
   8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F300-GM SILABS-C8051F300-GM Datasheet
976Kb / 179P
   Mixed Signal ISP Flash MCU Family
C8051F300-GS SILABS-C8051F300-GS Datasheet
976Kb / 179P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300_08 Datasheet
976Kb / 179P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com