Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F300 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # C8051F300
Description  Mixed Signal ISP Flash MCU Family
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F300 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button C8051F300 Datasheet HTML 43Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 44Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 45Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 46Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 47Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 48Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 49Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 50Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 174 page
background image
C8051F300/1/2/3/4/5
Rev. 2.6
47
6. Voltage Reference (C8051F300/2)
The voltage reference MUX on C8051F300/2 devices is configurable to use an externally connected volt-
age reference or the power supply voltage, VDD (see Figure 6.1). The REFSL bit in the Reference Control
register (REF0CN) selects the reference source. For an external source, REFSL should be set to ‘0’; For
VDD as the reference source, REFSL should be set to ‘1’.
The BIASE bit enables the internal voltage bias generator, which is used by the ADC, Temperature Sensor,
and Internal Oscillator. This bit is forced to logic 1 when any of the aforementioned peripherals is enabled.
The bias generator may be enabled manually by writing a ‘1’ to the BIASE bit in register REF0CN; see
SFR Definition 6.1 for REF0CN register details. The electrical specifications for the voltage reference cir-
cuit are given in Table 6.1.
Important Note About the VREF Input: Port pin P0.0 is used as the external VREF input. When using an
external voltage reference, P0.0 should be configured as analog input and skipped by the Digital Crossbar.
To configure P0.0 as analog input, set to ‘1’ Bit0 in register P0MDIN. To configure the Crossbar to skip
P0.0, set to ‘1’ Bit0 in register XBR0. Refer to Section “12. Port Input/Output” on page 99 for complete
Port I/O configuration details. The external reference voltage must be within the range 0
≤ VREF ≤ VDD.
On C8051F300/2 devices, the temperature sensor connects to the highest order input of the ADC0 positive
input multiplexer (see Section “5.1. Analog Multiplexer and PGA” on page 34 for details). The TEMPE
bit in register REF0CN enables/disables the temperature sensor. While disabled, the temperature sensor
defaults to a high impedance state and any ADC0 measurements performed on the sensor result in mean-
ingless data.
Figure 6.1. Voltage Reference Functional Block Diagram
Internal
VREF
(to ADC)
To Analog Mux
VDD
VREF
R1
VDD
External
Voltage
Reference
Circuit
GND
REF0CN
Temp Sensor
EN
Bias Generator
To ADC, Internal
Oscillator,
Temperature Sensor
EN
IOSCEN
0
1


Similar Part No. - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F300-GM SILABS-C8051F300-GM Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300-GS SILABS-C8051F300-GS Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300_08 Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com