Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F300 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # C8051F300
Description  Mixed Signal ISP Flash MCU Family
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F300 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button C8051F300 Datasheet HTML 49Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 50Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 51Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 52Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 53Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 54Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 55Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 56Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 174 page
background image
C8051F300/1/2/3/4/5
Rev. 2.6
53
Table 7.1. Comparator0 Electrical Characteristics
VDD = 3.0 V, –40 to +85 °C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Response Time:
Mode 0, Vcm* = 1.5 V
CP0+ – CP0– = 100 mV
100
ns
CP0+ – CP0– = –100 mV
250
ns
Response Time:
Mode 1, Vcm* = 1.5 V
CP0+ – CP0– = 100 mV
175
ns
CP0+ – CP0– = –100 mV
500
ns
Response Time:
Mode 2, Vcm* = 1.5 V
CP0+ – CP0– = 100 mV
320
ns
CP0+ – CP0– = –100 mV
1100
ns
Response Time:
Mode 3, Vcm* = 1.5 V
CP0+ – CP0– = 100 mV
1050
ns
CP0+ – CP0– = –100 mV
5200
ns
Common-Mode Rejection
Ratio
1.5
4
mV/V
Positive Hysteresis 1
CP0HYP1–0 = 00
0
1
mV
Positive Hysteresis 2
CP0HYP1–0 = 01
3
5
7
mV
Positive Hysteresis 3
CP0HYP1–0 = 10
7
10
15
mV
Positive Hysteresis 4
CP0HYP1–0 = 11
15
20
25
mV
Negative Hysteresis 1
CP0HYN1–0 = 00
0
1
mV
Negative Hysteresis 2
CP0HYN1–0 = 01
3
5
7
mV
Negative Hysteresis 3
CP0HYN1–0 = 10
7
10
15
mV
Negative Hysteresis 4
CP0HYN1–0 = 11
15
20
25
mV
Inverting or Non-Inverting
Input Voltage Range
–0.25
VDD +
0.25
V
Input Capacitance
7
pF
Input Bias Current
–5
0.001
+5
nA
Input Offset Voltage
–5
+5
mV
Power Supply
Power Supply Rejection
0.1
1
mV/V
Power-up Time
10
µs
Supply Current at DC
Mode 0
7.6
µA
Mode 1
3.2
µA
Mode 2
1.3
µA
Mode 3
0.4
µA
*Note: Vcm is the common-mode voltage on CP0+ and CP0–.


Similar Part No. - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F300-GM SILABS-C8051F300-GM Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300-GS SILABS-C8051F300-GS Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300_08 Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com